Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL1632-R010-F-T5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PRL1632-R010-F-T5
Description  Low resistance chip resistors (long-side terminal)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PRL1632-R010-F-T5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PRL1632-R010-F-T5 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRL1632-R010-F-T5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L
W
a
t
b
Part numbering system
Electrical Specification
Dimensions
PRL 1220 - R010 - D - T5
(unit:mm)
PRL0816
PRL1220
PRL1632
PRL3264
RL3720W
RL7520W
E-24
E-24
1m step
(7m ~ 10m)
E-24
1m step
(5m ~ 10m)
E-24
1m step
(3m ~ 10m)
E-24
1m step
(1m ~ 10m)
E-24
1m step
(1m ~ 10m)
√(P・R)
Resistance range(Ω) Resistance tolerance
Resistance
value series
-55℃
~ 125℃
Operating
temperature
(ppm/℃)
±0.5% (D)
±1% (F)
±2% (G)
±5% (J)
Type
Maximum
voltage
Power
ratings
1/3W
2/3W
1W
2W
1W
2W
±50
±100
0 ∼ +200
0 ∼ +350
±50
±100
0 ∼ +200
0 ∼ +350
±50
±100
0 ∼ +200
0 ∼ +350
±50
±100
0 ∼ +200
0 ∼ +350
±50(Q)
±100(R)
0 ∼ +200(S)
0 ∼ +350(T)
±50(Q)
±100(R)
0 ∼ +200(S)
0 ∼ +350(T)
0 ∼ +420(T)
0 ∼ +800(T)
75m≦R≦100m
43m≦R≦68m
33m≦R≦39m
18m≦R≦27m
10m≦R≦15m
56m≦R≦100m
47m≦R≦51m
56m≦R≦100m
20m≦R≦51m
10m≦R≦18m
56m≦R≦100m
47m≦R≦51m
20m≦R≦43m
10m≦R≦18m
5m≦R≦9m
20m≦R≦43m
10m≦R≦18m
5m≦R≦9m
100m≦R≦1
5m≦R≦91m
1m≦R≦4m
100m≦R≦470m
10m≦R≦91m
100m≦R≦470m
10m≦R≦91m
5m≦R≦9m
1m≦R≦4m
3m≦R≦4m
7m≦R≦9m
Resistance tolerance
Packaging
quantity:
T5(5,000pcs)
Nominal resistance value
Size: PRL0816, PRL1220, PRL1632, PRL3264
Series
code
RL 3720W T - R10 - F
Resistance tolerance
Temperature
coefficient
of resistance
Nominal resistance value
Size: RL3720W, RL7520W
Series
code
T5
4,000pcs
Packaging
quantity
Low resistance chip resistors
(long-side terminal)
PRL / RL series
Innovative structure that takes consideration of heat dissipation suppresses the
surface temperature enabling the small sizes, reduction of the influence on
surrounding components, excellent temperature cycle resistance, low ESL and low
noise.
PC power sources, inverters, automotive electronics, adopters, industrial machines
Applications
Features
PRL0816
PRL1220
PRL1632
PRL3264
RL3720W
RL7520W
Type
0.80±0.20
1.25±0.20
1.60±0.20
3.20±0.20
2.00±0.20
2.00±0.20
0603
0805
1206
2512
1508
3008
Size
(inch)
L
1.60±0.20
2.00±0.20
3.20±0.20
6.40±0.20
3.75±0.30
7.50±0.30
W
0.40±0.20
0.40±0.20
a
0.20±0.10
0.35±0.15
0.45±0.15
0.90±0.15
0.40+0.20
0.40±0.20
0.40±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.20
0.50±0.20
b
t
Temperature
coefficient
of resistance
57


Similar Part No. - PRL1632-R010-F-T5

ManufacturerPart #DatasheetDescription
logo
Susumu Co., Ltd.
PRL1632-R010-D-T5 SUSUMU-PRL1632-R010-D-T5 Datasheet
276Kb / 2P
Low resistance chip resistors (long-side terminal)
More results

Similar Description - PRL1632-R010-F-T5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL3720 ETC-RL3720 Datasheet
56Kb / 1P
low resistance value chip resistors with long-side electrodes for high-precision current detection.
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
RL1220S-R12-F ETC-RL1220S-R12-F Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
PRL1632-R013-F-T1 ETC2-PRL1632-R013-F-T1 Datasheet
294Kb / 2P
Low resistance chip resistors (long side terminal type)
RL1220T ETC2-RL1220T Datasheet
503Kb / 1P
Low resistance chip resistors (short-side terminals type)
RL3720T-R018 ETC2-RL3720T-R018 Datasheet
294Kb / 2P
Low resistance chip resistors (long side terminal type)
RL1632R-2R00-F ETC2-RL1632R-2R00-F Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
RL1220S-1R5-F ETC2-RL1220S-1R5-F Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
Low Resistance Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com