Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R65-P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM-R65-P
Description  Compact / Connector built-in type PM-65 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PM-R65-P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM-R65-P Datasheet HTML 1Page - List of Unclassifed Manufacturers PM-R65-P Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM-65
ORDER GUIDE
Type
Appearance (mm in)
Sensing range
Model No.
Output
Output operation
26
1.024
22.4
0.882
7 0.276
6 mm 0.236 in (fixed)
PM-K65
NPN open-collector
transistor
Incorporated with 2 outputs:
Light-ON / Dark-ON
PM-K65-P
PNP open-collector
transistor
22.4
0.882
26
1.024
13.7 0.539
PM-T65
NPN open-collector
transistor
PM-T65-P
PNP open-collector
transistor
16.7 0.657
22.4
0.882
26
1.024
PM-T65W
NPN open-collector
transistor
PM-T65W-P
PNP open-collector
transistor
26.2
1.031
15.7
0.618
14.9 0.587
PM-L65
NPN open-collector
transistor
PM-L65-P
PNP open-collector
transistor
14.9 0.587
22.7
0.894
13.4
0.528
PM-Y65
NPN open-collector
transistor
PM-Y65-P
PNP open-collector
transistor
13.5 0.531
22.4
0.882
13.4
0.528
PM-F65
NPN open-collector
transistor
PM-F65-P
PNP open-collector
transistor
13 0.512
13.4
0.528
22.4
0.882
PM-F65W
NPN open-collector
transistor
PM-F65W-P
PNP open-collector
transistor
22.4
0.882
13.5 0.531
13.4
0.528
PM-R65
NPN open-collector
transistor
PM-R65-P
PNP open-collector
transistor
13 0.512
22.4
0.882
13.4
0.528
PM-R65W
NPN open-collector
transistor
PM-R65W-P
PNP open-collector
transistor
Note: “
W” in the model No. indicates that the product is mounting-compatible with our conventional models [PM-T53(B) / PM-□64(P)].
Compact / Connector built-in type
PM-65 SERIES
Cable type
NPN output
PNP output
Connector attached cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Connector attached bending-resistant cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Connector attached cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Connector attached bending-resistant cable
1 m 3.281 ft, 2 m 6.562 ft,
3 m 9.843 ft, 5 m 16.404 ft
Built-in connector
PM-K65
PM-T65
PM-T65W
PM-L65
PM-Y65
PM-F65
PM-F65W
PM-R65
PM-R65W
Easy mounting with
M2 / M3 screws!
Compact size!
Easy connection with a single touch
using commercially-available connectors


Similar Part No. - PM-R65-P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PM-R65-P PANASONIC-PM-R65-P Datasheet
999Kb / 16P
U-shaped Micro Photoelectric Sensor
More results

Similar Description - PM-R65-P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
Compact Disc Player DSP with Built-in Microcontroller
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
Compact Disc Player DSP with Built-in Microcontroller
logo
Omron Electronics LLC
G3RD-X02PN-2DC24 OMRON-G3RD-X02PN-2DC24 Datasheet
558Kb / 4P
Compact SSRs Ideal for Built-in Applications
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
Compact Photoelectric Sensor with Built-in Amplifier
2019.6
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
Built-in Photomicrosensor Connector Type
logo
MinebeaMitsumi Inc.
PM42L-048 MINEBEAMITSUMI-PM42L-048 Datasheet
2Mb / 6P
PM Type Motors
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com