Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R65W-P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PM-R65W-P
Description  Compact / Connector built-in type PM-65 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PM-R65W-P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PM-R65W-P Datasheet HTML 1Page - List of Unclassifed Manufacturers PM-R65W-P Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PM-65
Designation
Model No.
Description
Connector
attached cable
CN-14A-C1
Length: 1m 3.281 ft
0.2 mm2 4-core cabtyre cable with
connector on one end
Cable outer diameter: ø3.7 mm
ø0.146 in
CN-14A-C2
Length: 2m 6.562 ft
CN-14A-C3
Length: 3m 9.843 ft
CN-14A-C5
Length: 5m 16.404 ft
Connector
attached cable
Bending-
resistant cable
CN-14A-R-C1
Length: 1m 3.281 ft
0.2 mm2 4-core cabtyre cable with
connector on one end
Cable outer diameter: ø3.7 mm
ø0.146 in
CN-14A-R-C2
Length: 2m 6.562 ft
CN-14A-R-C3
Length: 3m 9.843 ft
CN-14A-R-C5
Length: 5m 16.404 ft
Connector
CN-14A
Set of 10 housings and 40 contacts
• CN-14A(-R)-C□
Connector attached cable
• CN-14A
Connector
Housing
Contact
4
OPTIONS
Disc
Disc
1.8 mm 0.071 in
1.6 mm 0.063 in
t = 0.2 mm 0.008 in
1.6 mm 0.063 in
Notes: 1) Where measurement conditions have not been specified precisely, the
conditions used were an ambient temperature of +23 °C +73.4 °F.
2) Mounting-compatible with our conventional models [
PM-T53(B) / PM-□64(P)]
3) The response frequency is the value when the disc, given in the figure
below, is rotated.
4) If the cable is extended to 20 m 65.617 ft or longer, confirm that the supply
voltage at the end of the cable attached to the sensor is 4.5 V or higher.
Type
Compact / Connector built-in type
Mounting-compatible with conventional model (Note 2)
NPN output
PM-□65
PM-□65W
Item
PNP output
PM-□65-P
PM-□65W-P
Sensing range
6 mm 0.236 in (fixed)
Minimum sensing object
0.8 × 1.2 mm 0.031 × 0.047 in opaque object
Hysteresis
0.05 mm 0.002 in or less
Repeatability
0.01 mm 0.0004 in or less
Supply voltage
5 to 24 V DC ±10 % Ripple P-P 10 % or less
Current consumption
15 mA or less
Output
<NPN output type>
NPN open-collector transistor
• Maximum sink current: 50 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 2 V or less (at 50 mA sink current)
1 V or less (at 16 mA sink current)
<PNP output type>
PNP open-collector transistor
• Maximum source current: 50 mA
• Applied voltage: 30 V DC or less (between output and + V)
• Residual voltage: 2 V or less (at 50 mA source current)
1 V or less (at 16 mA source current)
Output operation
Incorporated with 2 outputs: Light-ON / Dark-ON
Short-circuit protection
Incorporated
Response time
Under light received condition: 20 μs or less, Under light interrupted condition: 80 μs or less (Maximum response frequency: 3 kHz) (Note 3)
Operation indicator
Orange LED (lights up under light received condition)
Pollution degree
3
Protection
IP40 (IEC)
Ambient temperature
–25 to +55 °C –13 to +131 °F (No dew condensation or icing allowed), Storage: –30 to +80 °C –22 to +176 °F
Ambient humidity
5 to 85 % RH, Storage: 5 to 95 % RH
Ambient illuminance
Fluorescent light: 1,000 ℓx at the light-receiving face
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure
Insulation resistance
20 MΩ, or more, with 250 V DC megger between all supply terminals connected together and enclosure
Vibration resistance
10 to 2,000 Hz frequency, 1.5 mm 0.059 in double amplitude (maximum acceleration 196 m/s2) in X, Y and Z directions for two hours each
Shock resistance
15,000 m/s2 acceleration (1,500 G approx.) in X, Y and Z directions three times each
Emitting element
Infrared LED (Peak emission wavelength: 855 nm 0.034 mil, non-modulated)
Material
Enclosure: PBT, Display section: Polycarbonate
Cable length
Extension up to total 100 m 328.084 ft is possible with 0.3 mm2, or more, cable. (Note 4)
Weight
Net weight: 3 g approx., Gross weight: 3 g approx.
SPECIFICATIONS
Recommended connector
Contact: SPHD-001T-P0.5, Housing: PAP-04V-S
(Manufactured by J.S.T. Mfg. Co., Ltd.)
Note: Contact the manufacturer for details of the recommended products.
Recommended crimping tool
Model No. : YC-610R (Manufactured by J.S.T. Mfg. Co., Ltd.)
Note: Contact the manufacturer for details of the recommended products.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com