Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT-001 Datasheet(PDF) 1 Page - Pro-Signal

Part # MPT-001
Description  Piezo Tweeter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

MPT-001 Datasheet(HTML) 1 Page - Pro-Signal

  MPT-001 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Rating
225W (4Ω) / 115W (8Ω)
Frequency Response
4000Hz - 20000Hz
Sensitivity (SPL 2.83V/1m)
94dB
Overall Dimensions (WxH)
85x85mm
Cut Out
Ø77mm
Mounting Depth
60mm
Weight
60g
Price Each
Order Code
100-4600▲
Piezo Tweeter
416836.406709


Similar Part No. - MPT-001

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPT-10 MICROSEMI-MPT-10 Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
MPT-10C MICROSEMI-MPT-10C Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
MPT-12 MICROSEMI-MPT-12 Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Astrodyne Corporation
MPT-120 ASTRODYNE-MPT-120 Datasheet
390Kb / 3P
120W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPT-120 MEANWELL-MPT-120 Datasheet
289Kb / 3P
1~4 Output Medical Type
More results

Similar Description - MPT-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM-250 ETC2-EFM-250 Datasheet
167Kb / 1P
Piezo Buzzer
logo
Ningbo Foryard Optoelec...
EFM-250D FORYARD-EFM-250D Datasheet
45Kb / 1P
Piezo Buzzer
logo
Projects Unlimited, Inc...
SMT-1341-T-2-R PUI-SMT-1341-T-2-R Datasheet
197Kb / 1P
Transducer (Piezo)
SMT-1640-S-2-R PUI-SMT-1640-S-2-R Datasheet
250Kb / 1P
Transducer (Piezo)
SMT-2240-TW-R PUI-SMT-2240-TW-R Datasheet
225Kb / 1P
Transducer (Piezo)
logo
CUI INC
CPT-3526-L100 CUI-CPT-3526-L100 Datasheet
356Kb / 4P
PIEZO ELEMENT
CPT-3529-L100 CUI-CPT-3529-L100 Datasheet
363Kb / 4P
PIEZO ELEMENT
logo
Festo Corporation.
VEAE-BB-6-12-D9-X4 FESTO-VEAE-BB-6-12-D9-X4 Datasheet
89Kb / 2P
Piezo valve
VEMP-BS-3-16-D7-F-28T1 FESTO-VEMP-BS-3-16-D7-F-28T1 Datasheet
94Kb / 2P
Piezo valve
logo
List of Unclassifed Man...
53-1221 ETC-53-1221 Datasheet
34Kb / 2P
1.75“Titainium Dome Compression Tweeter Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com