Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4022 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 10Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 11Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 12Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 13Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry entirely
embodied in an EM Microelectronic-Marin SA product
EM Microelectronic-Marin SA reserves the right to change the specifications without notice at any time. You are strongly
urged to ensure that the information given has not been superseded by a more up to date version.
© 1998 EM Microelectronic-Marin SA, 02/98 Rev. A/196
EM MICROELECTRONIC-MARIN SA, CH-1074 Marin, Tel. +41 32 755 51 11, Fax. +41 32 755 54 03
13
Package and Ordering Information
Pad Description
Pad
Name
Function
1
COIL2
Coil terminal 2
2
VSS
Negative internal supply voltage
3
GAP
GAP input
4
SI
Serial test data input (pull down)
5
TMC
Test mode control (pull down)
6
XCLK
External test clock (pull down)
7
VDD
Positive internal supply voltage
8
M
Connection to external antenna
9
COIL1
Coil terminal 1
Table 12
Chip Size
57 x 69 mil
Configuration Examples
Application
Parameters
Typical Practical
Parameters
Configuration
CONTROL
ROM Bits
External
Capacitor
Inductive coupling, 125 kHz
carrier, batches < 50 tags,
1 second per batch
Warehousing, asset
control, sports event
timing, mining, personnel
tracking
Fast Slow-down, 8 kbits/s,
Glitch encoding, 4 kbit delay
0x00E9
600 pF
Inductive coupling, 125 kHz
carrier, batches < 5 tags
0.1 second per batch
Sports event timing,
Conveyer belt, personnel
tracking, auto-tolling
Fast Slow-dow, 8 kbit/s,
Glitch encoding, 256 bit
delay
0x00D9
600 pF
Inductive coupling, 125 kHz
carrier, batches < 50 identical
tags (counting), 1 second per
batch guaranteed power
Warehousing
Fast Switch-off, 8 kbit/s
Glitch encoding, 4 kbit delay
0x00ED
600 pF
Inductive coupling, 125 kHz
carrier, batches < 50 identical
tags (counting), 1 second per
batch, 1 second unpowered
Warehousing
Fast Switch-off, 8 kbits/s,
Glitch encoding, 4 kbit delay
0x00ED
20 µF
Inductive coupling,
125 kHz carrier, 1 tag at a time,
0.012 seconds per tag
Access control, conveyer
belt
Free-running, 8 kbit/s,
Glitch encoding, 16 bit delay
0x00CA
500 pF
RF coupling, 400-2540 MHz
carrier, batch < 3 tags,
0.02 seconds per batch
Auto-tolling, sports event
timing
Free-running, 64 kbit/s,
Glitch encoding, 1 kbit delay
0x0022
none
RF coupling, 400-2540 MHz
carrier, batch < 30 tags,
1 batch per second
Sports event timing,
personnel tracking
Free-running, 64 kbit/s
Glitch encoding, 16 kbit
delay
0x0032
none
RF coupling, 400-2540 MHz
carrier, batch < 200 tags
1 batch per second
Warehousing
Fast, Slow-down, 64 kbit/s,
Glitch encoding, 4 kbit delay
0x0029
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com