Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240WAS Datasheet(PDF) 29 Page - Texas Instruments

Part # PTH04T240WAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS™
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04T240WAS Datasheet(HTML) 29 Page - Texas Instruments

Back Button PTH04T240WAS Datasheet HTML 25Page - Texas Instruments PTH04T240WAS Datasheet HTML 26Page - Texas Instruments PTH04T240WAS Datasheet HTML 27Page - Texas Instruments PTH04T240WAS Datasheet HTML 28Page - Texas Instruments PTH04T240WAS Datasheet HTML 29Page - Texas Instruments PTH04T240WAS Datasheet HTML 30Page - Texas Instruments PTH04T240WAS Datasheet HTML 31Page - Texas Instruments PTH04T240WAS Datasheet HTML 32Page - Texas Instruments PTH04T240WAS Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Notes on Use of Auto-Track™
V
I = 5 V
Vo
1 = 3.3 V
R
SET1
+
Vo
2 = 1.8 V
U1
U2
+
PTH04T240W
V
I
V
O
+Sense
GND
V
O Adj
PTH04T230W
V
I
V
O
+Sense
−Sense
GND
AutoTrack
V
O Adj
R
SET2
TurboTrans
TurboTrans
AutoTrack
C4
V
CC
GND
SENSE
MR
CT
RESET
6
5
3
4
1
2
TPS3808G50
C3
4700 pF
0.1
µF
−Sense
1.21 k
Ω
4.75 k
Ω
CO1
CO2
CI1
CI2
U3
RTT
RTT
PTH04T240W, PTH04T241W
www.ti.com ...................................................................................................................................................... SLTS276D – OCTOBER 2006 – REVISED JULY 2009
1. The Track pin voltage must be allowed to rise above the module set-point voltage before the module
regulates at its adjusted set-point voltage.
2. The Auto-Track function tracks almost any voltage ramp during power up, and is compatible with ramp
speeds of up to 1 V/ms.
3. The absolute maximum voltage that may be applied to the Track pin is the input voltage VI.
4. The module cannot follow a voltage at its track control input until it has completed its soft-start initialization.
This takes about 20 ms from the time that a valid voltage has been applied to its input. During this period, it
is recommended that the Track pin be held at ground potential.
5. The Auto-Track function is disabled by connecting the Track pin to the input voltage (VI). When Auto-Track is
disabled, the output voltage rises according to its softstart rate after input power has been applied.
6. The Auto-Track pin should never be used to regulate the module's output voltage for long-term, steady-state
operation.
Figure 24. Sequenced Power Up and Power Down Using Auto-Track
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PTH04T240W PTH04T241W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com