Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH127NP-331M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH127NP-331M
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127NP-331M Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH127NP-331M Datasheet HTML 1Page - Sumida Corporation CDRH127NP-331M Datasheet HTML 2Page - Sumida Corporation CDRH127NP-331M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH127 , CDRH127/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
◆
Product Description
・
12.3×12.3mm Max.(L×W), 8.0mm Max. Height.
・
Both standard type CDRH127 and Low DCR type CDRH127/LD are available.
・
Inductance Range:1.2μH~1.0mH(CDRH6127); 1.0μH~1.0mH(CDRH127/LD).
・
Rated current range: 0.55~9.8A(CDRH127); 0.7~14A(CDRH127/LD).
・
In addition to the standard versions of inductors shown here, custom inductors are available
to meet your exact requirements.
◆
Feature
・
Magnetically shielded construction.
・
Ideally used in Notebook PC, LCD TV,DVD, Game machine, STB ,Projector etc as DC-DC
Converter inductors.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern (mm)
Dimension of CDRH127
Part of silk screen
5.4
12.0±0.3
0.2
Max.8.0
5.0 ±0.2
Electrode terminal


Similar Part No. - CDRH127NP-331M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127NP-331M SUMIDA-CDRH127NP-331M Datasheet
183Kb / 4P
POWER INDUCTORS SMD Type: CDRH Series
More results

Similar Description - CDRH127NP-331M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com