Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010WAST Datasheet(PDF) 7 Page - Texas Instruments

Part # PTH12010WAST
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12010WAST Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH12010WAST Datasheet HTML 3Page - Texas Instruments PTH12010WAST Datasheet HTML 4Page - Texas Instruments PTH12010WAST Datasheet HTML 5Page - Texas Instruments PTH12010WAST Datasheet HTML 6Page - Texas Instruments PTH12010WAST Datasheet HTML 7Page - Texas Instruments PTH12010WAST Datasheet HTML 8Page - Texas Instruments PTH12010WAST Datasheet HTML 9Page - Texas Instruments PTH12010WAST Datasheet HTML 10Page - Texas Instruments PTH12010WAST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
PTH12010L TYPICAL CHARACTERISTICS (V
I = 12 V)
(1) (2)
IL − Load Current − A
VOUT = 1 V
VOUT = 1.2 V
2
4
6
8
12
0
10
0
1
2
3
4
5
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 0.8 V
0
10
20
30
40
50
2
4
6
8
12
0
IL − Load Current − A
VOUT = 1 V
10
VOUT = 1.8 V
VOUT = 0.8 V
VOUT = 1.5 V
VOUT = 1.2 V
50
60
70
80
90
100
IO − Output Current − A
0
2
4
6
8
10
12
VO = 0.8 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
VO = 1 V
20
30
40
50
60
70
80
90
100 LFM
Nat Conv
VO = ≤1.8 V
IO − Output Current − A
0
2
4
6
8
12
10
PTH12010W, PTH12010L
SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 7.
Figure 8.
Figure 9.
TEMPERATURE DERATING
vs
OUTPUT CURRENT
Figure 10.
(1)
The electrical characteristic data has been developed from actual products tested at 25
°C. This data is considered typical for the
converter. Applies to Figure 7, Figure 8, and Figure 9.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 4 inch x 4 inch double-sided PCB with 2 oz. copper. For
surface mount packages (AS and AZ suffix), multiple vias (plated through holes) are required to add thermal paths around the power
pins. Please refer to the mechanical specification for more information. Applies to Figure 10.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com