Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331H Datasheet(PDF) 40 Page - Texas Instruments

Part # RF430CL331H
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331H Datasheet(HTML) 40 Page - Texas Instruments

Back Button RF430CL331H Datasheet HTML 36Page - Texas Instruments RF430CL331H Datasheet HTML 37Page - Texas Instruments RF430CL331H Datasheet HTML 38Page - Texas Instruments RF430CL331H Datasheet HTML 39Page - Texas Instruments RF430CL331H Datasheet HTML 40Page - Texas Instruments RF430CL331H Datasheet HTML 41Page - Texas Instruments RF430CL331H Datasheet HTML 42Page - Texas Instruments RF430CL331H Datasheet HTML 43Page - Texas Instruments RF430CL331H Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Table 5-17. Interrupt Flag Register Description (continued)
BIT
FIELD
TYPE
RESET
DESCRIPTION
Flag pending BIP-8 Error Detected IRQ.
Read Access:
0b = No pending IRQ
4
BIP-8 Error Detected
R/W
0
1b = Pending IRQ
Write Access:
0b = No change
1b = Clear pending IRQ flag
Flag pending CRC Calculation Completed IRQ.
Read Access:
0b = No pending IRQ
3
CRC Calculation Completed
R/W
0
1b = Pending IRQ
Write Access:
0b = No change
1b = Clear pending IRQ flag
2-0
Reserved
R
0
Reserved for future use. Write with 0.
Table 5-18. Interrupts
INTERRUPT
DESCRIPTION
This IRQ occurs when a CRC calculation that is triggered by writing into the CRC registers is completed
CRC Calculation Completed
and the result can be read from the CRC result register (see Section 5.11.4).
BIP-8 Error Detected
This IRQ occurs when a BIP-8 error is detected (only if the BIP-8 communication mode is enabled).
This IRQ occurs if a NFC Type 4 command has been received (Select, Read Binary, Update Binary) and
General Type 4 Request
requires the service of the host controller.
This IRQ occurs when at least NDEF Tag Application Select command has been received and after that
RF Field Removed
the RF field is removed.
Generic Error
This IRQ occurs for any error that makes the device unreliable or nonoperational.
This IRQ occurs immediately after Read Binary request has been serviced (automatically or manually) and
Read Prefetch
the RF transmission has been started. This allows RF transmission and I2C communication to happen at
the same time.
40
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com