Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3220AIDBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # REF3220AIDBVT
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3220AIDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF3220AIDBVT Datasheet HTML 8Page - Texas Instruments REF3220AIDBVT Datasheet HTML 9Page - Texas Instruments REF3220AIDBVT Datasheet HTML 10Page - Texas Instruments REF3220AIDBVT Datasheet HTML 11Page - Texas Instruments REF3220AIDBVT Datasheet HTML 12Page - Texas Instruments REF3220AIDBVT Datasheet HTML 13Page - Texas Instruments REF3220AIDBVT Datasheet HTML 14Page - Texas Instruments REF3220AIDBVT Datasheet HTML 15Page - Texas Instruments REF3220AIDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADS8324
REF3212
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
-In
GND
GND
V
S
V
IN
+
+
5W
1 Fto10 F
m
m
1 Fto10 F
m
m
0.1 F
m
0Vto1.25V
V
=1.25V
OUT
Microcontroller
2.5VSupply
2.5V
1
2
3
4
5
6
ADS8381
REF3240
10W
1kW
1kW
10W
0.1 F
m
1 F
m
22 F
m
V
= 4.096V
OUT
V
REF
+5V
5
6
3
4
2
1
500W
0.22 F
m
THS4031
+5V
-5V
V
IN
6800pF
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
www.ti.com
Figure 27. Basic Data Acquisition System 2
Figure 28. REF3240 Provides an Accurate Reference for Driving the ADS8381
12
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com