Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPWR.A Datasheet(PDF) 39 Page - Texas Instruments

Part # RF430CL331HIPWR.A
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPWR.A Datasheet(HTML) 39 Page - Texas Instruments

Back Button RF430CL331HIPWR.A Datasheet HTML 35Page - Texas Instruments RF430CL331HIPWR.A Datasheet HTML 36Page - Texas Instruments RF430CL331HIPWR.A Datasheet HTML 37Page - Texas Instruments RF430CL331HIPWR.A Datasheet HTML 38Page - Texas Instruments RF430CL331HIPWR.A Datasheet HTML 39Page - Texas Instruments RF430CL331HIPWR.A Datasheet HTML 40Page - Texas Instruments RF430CL331HIPWR.A Datasheet HTML 41Page - Texas Instruments RF430CL331HIPWR.A Datasheet HTML 42Page - Texas Instruments RF430CL331HIPWR.A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
The interrupt flag register (see Table 5-16 and Table 5-17) is used to report the status of any interrupts
that are pending. Setting any bit high in this register acknowledges and clears the interrupt associated with
the respective bit. See Table 5-18 for a description of each interrupt.
Table 5-16. Interrupt Flag Register
ADDRESS
15
14
13
12
11
10
9
8
Read
0xFFF9
Reserved
Prefetch
ADDRESS
7
6
5
4
3
2
1
0
CRC
RF Field
General Type
BIP-8 Error
0xFFF8
Generic Error
Calculation
Reserved
Removed
4 Request
Detected
Completed
Table 5-17. Interrupt Flag Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-9
Reserved
R
0
Reserved for future use. Write with 0.
Flag pending Read Prefetch IRQ.
Read Access:
0b = No pending IRQ
8
Read Prefetch
R/W
0
1b = Pending IRQ
Write Access:
0b = No change
1b = Clear pending IRQ flag
Flag pending Generic Error IRQ.
Read Access:
0b = No pending IRQ
7
Generic Error
R/W
0
1b = Pending IRQ
Write Access:
0b = No change
1b = Clear pending IRQ flag
Flag pending RF Field Removed IRQ.
Read Access:
0b = No pending IRQ
6
RF Field Removed
R/W
0
1b = Pending IRQ
Write Access:
0b = No change
1b = Clear pending IRQ flag
Flag pending General Type 4 Request IRQ.
Read Access:
0b = No pending IRQ
5
General Type 4 Request
R/W
0
1b = Pending IRQ
Write Access:
0b = No change
1b = Clear pending IRQ flag
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
39
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com