Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAS Datasheet(PDF) 13 Page - Texas Instruments

Part # PTH12010LAS
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12010LAS Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH12010LAS Datasheet HTML 9Page - Texas Instruments PTH12010LAS Datasheet HTML 10Page - Texas Instruments PTH12010LAS Datasheet HTML 11Page - Texas Instruments PTH12010LAS Datasheet HTML 12Page - Texas Instruments PTH12010LAS Datasheet HTML 13Page - Texas Instruments PTH12010LAS Datasheet HTML 14Page - Texas Instruments PTH12010LAS Datasheet HTML 15Page - Texas Instruments PTH12010LAS Datasheet HTML 16Page - Texas Instruments PTH12010LAS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
Features of the PTH Family of Non-Isolated Wide Output Adjust Power Modules
Introduction
PTH12010W, PTH12010L
SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007
The PTH/PTV family of non-isolated, wide-output adjustable power modules are optimized for applications that
require a flexible, high performance module that is small in size. Each of these products are POLA™ compatible.
POLA-compatible products are produced by a number of manufacturers, and offer customers advanced,
nonisolated modules with the same footprint and form factor. POLA parts are also ensured to be interoperable,
thereby, providing customers with second-source availability.
From the basic, Just Plug it In functionality of the 6-A modules, to the 30-A rated feature-rich PTHxx030, these
products were designed to be very flexible, yet simple to use. The features vary with each product. Table 5
provides a quick reference to the features by product series and input bus voltage.
Table 5. Operating Features by Series and Input Bus Voltage
Series
Input Bus (V)
IO (A)
Adjust
On/Off
Over-
Prebias
Auto-
Margin
Output
Thermal
(Trim)
Inhibit
Current
Startup
Track™
Up/Down
Sense
Shutdown
3.3
6
•
•
•
•
•
PTHxx050
5
6
•
•
•
•
•
12
6
•
•
•
•
•
3.3 / 5
10
•
•
•
•
•
•
•
PTHxx060
12
8
•
•
•
•
•
•
•
3.3 / 5
15
•
•
•
•
•
•
•
PTHxx010
12
12
•
•
•
•
•
•
•
5
8
•
•
•
•
•
PTVxx010
12
8
•
•
•
•
•
3.3 / 5
22
•
•
•
•
•
•
•
•
PTHxx020
12
18
•
•
•
•
•
•
•
•
5
18
•
•
•
•
•
•
•
PTVxx020
12
16
•
•
•
•
•
•
•
3.3 / 5
30
•
•
•
•
•
•
•
•
PTHxx030
12
26
•
•
•
•
•
•
•
•
For simple point-of-use applications, the PTH12050 (6A) provides operating features such as an on/off inhibit,
output voltage trim, prebias start-up and overcurrent protection. The PTH12060 (10A), and PTH12010 (12A)
include an output voltage sense, and margin up/down controls. Then the higher output current, PTH12020 (18A)
and PTH12030 (26A) products incorporate overtemperature shutdown protection.
The PTV12010 and PTV12020 are similar parts offered in a vertical, single in-line pin (SIP) profile, at slightly
lower current ratings.
All of the products referenced in Table 5 include Auto-Track™. This feature was specifically designed to simplify
the task of sequencing the supply voltages in a power system. This and other features are described in the
following sections.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com