Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54SC4T08MPWTSEP Datasheet(PDF) 13 Page - Texas Instruments

Part # SN54SC4T08MPWTSEP
Description  SN54SC4T08-SEP Radiation-Tolerant, 1.2-V to 5.5-V, Quadruple 2-Input Positive-AND Gates With Integrated Translation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54SC4T08MPWTSEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54SC4T08MPWTSEP Datasheet HTML 9Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 10Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 11Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 12Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 13Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 14Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 15Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 16Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
8.3.3 SCxT Enhanced Input Voltage
The SN54SC4T08-SEP belongs to TI's SCxT family of logic devices with integrated voltage level translation.
This family of devices was designed with reduced input voltage thresholds to support up-translation, and
inputs tolerant of signals with up to 5.5 V levels to support down-translation. The output voltage will always
be referenced to the supply voltage (VCC), as described in the Electrical Characteristics table. For proper
functionality, input signals must remain at or below the specified VIH(MIN) level for a HIGH input state, and at or
below the specified VIL(MAX) for a LOW input state. Figure 8-2 shows the typical VIH and VIL levels for the SCxT
family of devices, as well as the voltage levels for standard CMOS devices for comparison.
The inputs are high impedance and are typically modeled as a resistor in parallel with the input capacitance
given in the Electrical Characteristics. The worst case resistance is calculated with the maximum input voltage,
given in the Absolute Maximum Ratings, and the maximum input leakage current, given in the Electrical
Characteristics, using Ohm's law (R = V ÷ I).
The inputs require the input signals to transition between valid logic states quickly, as defined by the input
transition time or rate in the Recommended Operating Conditions table. Failing to meet this specification will
result in excessive power consumption and can cause oscillations. More details can be found in the Implications
of Slow or Floating CMOS Inputs application report.
Do not leave inputs floating at any time during operation. Unused inputs must be terminated at VCC or GND. If
a system will not be actively driving an input at all times, a pull-up or pull-down resistor can be added to provide
a valid input voltage during these times. The resistor value will depend on multiple factors; however, a 10-kΩ
resistor is recommended and will typically meet all requirements.
VCC - Supply Voltage (V)
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
1.2-V CMOS
1.8-V CMOS
2.5-V CMOS
3.3-V CMOS
1.1 V (VOH)
1.45 V (VOH)
2 V (VOH)
2.4 V (VOH)
0.3 V (VOL)
0.45 V (VOL)
0.4 V (VOL)
0.4 V (VOL)
VIH
VIL
HIGH Input
LOW Input
Figure 8-2. SCxT Input Voltage Levels
8.3.3.1 Down Translation
Signals can be translated down using the SN54SC4T08-SEP. The voltage applied at the VCC will determine the
output voltage and the input thresholds as described in the Recommended Operating Conditions and Electrical
Characteristics tables.
When connected to a high-impedance input, the output voltage will be approximately VCC in the HIGH state, and
0 V in the LOW state. Ensure that the input signals in the HIGH state are between VIH(MIN) and 5.5 V, and input
signals in the LOW state are lower than VIL(MAX) as shown in Figure 8-2.
For example, standard CMOS inputs for devices operating at 5.0 V, 3.3 V or 2.5 V can be down-translated to
match 1.8 V CMOS signals when operating from 1.8-V VCC.
www.ti.com
SN54SC4T08-SEP
SCLS928A – MAY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN54SC4T08-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com