Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT8990 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ACT8990
Description  TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT8990 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ACT8990 Datasheet HTML 4Page - Texas Instruments SN74ACT8990 Datasheet HTML 5Page - Texas Instruments SN74ACT8990 Datasheet HTML 6Page - Texas Instruments SN74ACT8990 Datasheet HTML 7Page - Texas Instruments SN74ACT8990 Datasheet HTML 8Page - Texas Instruments SN74ACT8990 Datasheet HTML 9Page - Texas Instruments SN74ACT8990 Datasheet HTML 10Page - Texas Instruments SN74ACT8990 Datasheet HTML 11Page - Texas Instruments SN74ACT8990 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SN54ACT8990, SN74ACT8990
TEST-BUS CONTROLLERS
IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SCAS190E – JUNE 1990 – REVISED JANUARY 1997
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Figure 1)
SN54ACT8990
SN74ACT8990
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
30
0
30
MHz
RD low†
5.5
ns
WR low
5.5
5.5
tw
Pulse duration
EVENT high or low
8
8
ns
TCKI high or low
10.5
10.5
ns
TRST low
6
6
ADRS† before RD
↑
6.5
ns
ADRS before WR
↑
6.5
6.5
DATA before WR
↑
6
6
tsu
Setup time
EVENT before TCKI
↑
6
5.5
ns
EVENT before TCKI
↓
5
5
ns
TDI before TCKI
↑
2
2
TDI before TCKI
↓
2
2
ADRS† after RD
↑
5
ns
ADRS after WR
↑
5.5
5
DATA after WR
↑
5.5
5.5
th
Hold time
EVENT after TCKI
↑
5.5
5
ns
EVENT after TCKI
↓
5
5
ns
TDI after TCKI
↑
4
2.5
TDI after TCKI
↓
4
2.5
† Applies only in the case where ADRS (4-0) = 10110 (read buffer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com