Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R413P Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R413P
Description  GaAsP /GaP Hi-Eff Red Most suitable for use like level indicator.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R413P Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R413P Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R413P Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R4
41
13
3P
P
Ver.2.0 Page: 1 of 2
SINCE 1981
1.5(.059)
MAX.
25.4(1.00) MIN.
2.54(.100)
NOM.
1.0(.039) MIN.
3.7(.146)
6.3(.248)
2.0(.079)
6.8(.268)
6.3(.248)
0.5(.020)
SQ.TYP.
3.7(.146)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions
1. Chip material: GaAsP /GaP
2. Emitted color :Hi-Eff Red
3. Lens Appearance : Orange Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-R413P

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R413P YSTONE-BL-R413P Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-R413P BRIGHT-BL-R413P Datasheet
283Kb / 5P
3.6x6.3x6.8mm 1.0
BL-R413P_V1 BRIGHT-BL-R413P_V1 Datasheet
283Kb / 5P
3.6x6.3x6.8mm 1.0
More results

Similar Description - BL-R413P

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-R213P BRIGHT-BL-R213P Datasheet
145Kb / 2P
GaP/GaP Green Most suitable for use like level indicator.
BL-R313P BRIGHT-BL-R313P Datasheet
130Kb / 2P
GaAsP /GaP Yellow Most suitable for use like level indicator.
BL-R4137 BRIGHT-BL-R4137 Datasheet
128Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4530 BRIGHT-BL-R4530 Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4530N BRIGHT-BL-R4530N Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-R4532R BRIGHT-BL-R4532R Datasheet
142Kb / 2P
GaAsP/Gap Hi-Eff Red Low power consumption.
BL-S45L8 BRIGHT-BL-S45L8 Datasheet
128Kb / 2P
GaAsP/GaP hi-eff red Low power consumption.
BL-S4532 BRIGHT-BL-S4532 Datasheet
131Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-S4536 BRIGHT-BL-S4536 Datasheet
120Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
BL-S4549 BRIGHT-BL-S4549 Datasheet
128Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com