Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7250L Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7250L
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250L Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7250L Datasheet HTML 21Page - Infineon Technologies AG TLE7250L Datasheet HTML 22Page - Infineon Technologies AG TLE7250L Datasheet HTML 23Page - Infineon Technologies AG TLE7250L Datasheet HTML 24Page - Infineon Technologies AG TLE7250L Datasheet HTML 25Page - Infineon Technologies AG TLE7250L Datasheet HTML 26Page - Infineon Technologies AG TLE7250L Datasheet HTML 27Page - Infineon Technologies AG TLE7250L Datasheet HTML 28Page - Infineon Technologies AG TLE7250L Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
TLE7250LE
TLE7250SJ
Application Information
Data Sheet
25
Rev. 1.0, 2015-08-12
8
Application Information
8.1
ESD Robustness according to IEC61000-4-2
Test for ESD robustness according to IEC61000-4-2 “Gun test” (150 pF, 330 Ω) have been performed. The results
and test conditions are available in a separate test report.
Table 7
ESD robustness according to IEC61000-4-2
Performed Test
Result
Unit
Remarks
Electrostatic discharge voltage at pin CANH and
CANL versus GND
≥ +8
kV
1)Positive pulse
1) ESD susceptibility “ESD GUN” according to GIFT / ICT paper: “EMC Evaluation of CAN Transceivers, version 03/02/IEC
TS62228”, section 4.3. (DIN EN61000-4-2)
Tested by external test facility (IBEE Zwickau, EMC test report no. TBD).
Electrostatic discharge voltage at pin CANH and
CANL versus GND
≤ -8
kV
1)Negative pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com