Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3FTV7AG Datasheet(PDF) 8 Page - Amphenol PCD, Inc

Part # USB3FTV7AG
Description  USB connection system for harsh environment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3FTV7AG Datasheet(HTML) 8 Page - Amphenol PCD, Inc

Back Button USB3FTV7AG Datasheet HTML 3Page - Amphenol PCD, Inc USB3FTV7AG Datasheet HTML 4Page - Amphenol PCD, Inc USB3FTV7AG Datasheet HTML 5Page - Amphenol PCD, Inc USB3FTV7AG Datasheet HTML 6Page - Amphenol PCD, Inc USB3FTV7AG Datasheet HTML 7Page - Amphenol PCD, Inc USB3FTV7AG Datasheet HTML 8Page - Amphenol PCD, Inc USB3FTV7AG Datasheet HTML 9Page - Amphenol PCD, Inc USB3FTV7AG Datasheet HTML 10Page - Amphenol PCD, Inc USB3FTV7AG Datasheet HTML 11Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
93
USB3F TV
Hermetic receptacles
COMPLIANT
ROHS
N & BZ
NEW
Data transmission
USB specification 3.0
Data rate: up to 5Gb/s for high speed USB
Applications
n
Embedded computers
n
Data acquisition and transmission in harsh
environment
n
Railways
n
Battelfield communication systems
n
Navy systems
In some applications, a transversal hermiticity for the receptacle is a « must ».
This will prevent gas from going through the receptacle when plug or cap are
not mated to the receptacle.
The hermetic solution (version "H") has a compound at the rear of the receptacle.
Helium leakage is less than 1.10-6 cm3 per second [0.1 micron cubit ft per hour]
at one bar [15 psi] pressure differential.
Main characteristics
n
Same as the USB3F TV (see page 76)... a complete IP68 sealing of the receptacle
is added (even with no plug or no protective cap mated).
n
Outside dimensions are the same as the standard USB3F TV (USB-A).
n
Vibrations : the compounded version of the USBF TV has been tested in vibration
following the NAS 1599 aeronautic specification (ambient temperature):
5 - 3000 Hz, 20g, 2.5 mm [.1 inch] double amplitude, 3 axes, 12 hours
Note: this specification exceeds MIL-C-26500 requirements.
IMPORTANT NOTE
Due to the compound, the coding of the connector must be done in the factory: use the codes A or B in the part number.
Example: USBF3TV 2H A 2 N 03 A
Series USB3 Field TV
USB3F TV
2
H
A
03
G
STR
Shell type
2H: square flange receptacle
7H: jam nut receptacle
Coding
A or B
USB cable length
03: 0.3 m [11.81 inches]
05: 0.5 m [19.68 inches]
10: 1 m [39.37 inches]
15: 1.5 m [59.05 inches]
Shells material & finish
G: aluminium shell - olive drab cadmium plating
N: aluminium shell - nickel plating - ROHS compliant
Type of cable *
ACROS: high reliability crossed USB3 cable with plug at the end
ASTR: high reliability straight USB3 cable with plug at the end
OPEN: high reliability cable open = no plug at the end
Examples:
- square flange receptacle, with 0.5m length of high reliability USB3 cable crossed, coding B, nickel plating: USB3F TV 2 H B 05 N CROS
- jam nut receptacle, with 1m length of high reliability USB3 cable straight, coding A, ODC plating: USB3F TV 7 H A 10 G STR
- jam nut receptacle, with 0.3m length of high reliability USB3 cable open, coding B, ODC plating: USB3F TV 7 H B 03 G OPEN
Part number code
Same for jam nut receptacle.
*
IMPORTANT NOTE
• for PC to PC application, use a “CROS” type of cable
• for PC to peripheral application, use a “STR” type of cable
See Configuration use on page 87
Coding A
Coding B
A coding
B coding
Main key
Main key



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com