Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC45F-R1 Datasheet(PDF) 1 Page - Comus International

Part # AC45F-R1
Description  General Purpose - 1 Form A / 2 Form A - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

AC45F-R1 Datasheet(HTML) 1 Page - Comus International

  AC45F-R1 Datasheet HTML 1Page - Comus International AC45F-R1 Datasheet HTML 2Page - Comus International AC45F-R1 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 45 Series
General Purpose - 1 Form A / 2 Form A - PhotoDMOS Relays
Product Data Sheet
SCHEMATIC
ORDERING INFORMATION
FEATURES
PICTURE
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
•
PhotoDMOS Relays
• 60 Volt, 200 mA
• On-Resistance: 3 Ω (typical)
• I/O Breakdown Voltage: SOP 1500 Vrms Min.
DIP / SMD 3750 Vrms Min.
• Optional High I/O BV: SOP 3750 Vrms Min.
DIP / SMD 5000 Vrms Min.
• Max LED Current 3.0 mA
• Low Off-State Leakage Current 1.0 μ A Max
• UL File E344988
1: Anode
2: Cathode
3: NC
4, 6: Drain
5: Source
1: Anode
2: Cathode
3, 4: Drain
1, 3: Anode
2, 4: Cathode
5, 6, 7, 8: Drain
(LED)
(LED)
(MOS FET)
(MOS FET)
(LED)
(LED)
(MOS FET)
(LED)
(LED)
(MOS FET)
®
SOP4
SOP8
SMD4
DIP4
DIP6
4.4
4.4
6.4
6.4
6.4
6.4
6.4
2.0
2.0
3.4
3.4
3.4
3.4
3.4
4.3
9.4
4.7
8.8
4.7
8.8
9.8
3.4
6.4
9.8
SMD6
SMD8
DIP8
(+)
(-)
(+)
(-) (+) (-)
(+) (-)
4
3
6 5 4
1 2 3
1
2
3
4
8
7
6
5
1
2
Drawings not to scale. All dimensions in mm nominal. Pitch: 2.54 mm
F = SMD
S = SOP
R1 = Tape & Reel (SMD Only)
H = 5KV I/O BV (DIP / SMD Only)
H = 3.75KV I/O BV (SOP)
Part Number Example: XX45X-XX
AC45F-R1 = Series 45, 2 Form A, 8 Pin, SMD with tape and reel
packaging
AB45(F)(S)
AC45(F)(S)
AA45(F)
60 VOLTS
Rev: 0 - Date: June/17/2016 - Signature: BR
45
AB = 4 pin
AA = 6 pin
AC = 8 pin
Body Style Series Options


Similar Part No. - AC45F-R1

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
Axial Coated Inductor
AC45-100K-RC ALLIED-AC45-100K-RC Datasheet
263Kb / 1P
Axial Coated Inductor
AC45-101K-RC ALLIED-AC45-101K-RC Datasheet
263Kb / 1P
Axial Coated Inductor
AC45-471K-RC ALLIED-AC45-471K-RC Datasheet
263Kb / 1P
Axial Coated Inductor
logo
3M Electronics
AC452 3M-AC452 Datasheet
244Kb / 3P
3M Scotch-Weld??Instant Adhesive Activators and Primers
More results

Similar Description - AC45F-R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Keysight Technologies
L4437A KEYSIGHT-L4437A Datasheet
1Mb / 9P
32-Channel Form A/Form C General Purpose Switch
logo
Everlight Electronics C...
EL6XXA EVERLIGHT-EL6XXA Datasheet
1Mb / 14P
GENERAL PURPOSE 1 FORM A SOLID STATE RELAY 6PIN DIP TYPE FORM A SSR
logo
List of Unclassifed Man...
HL3-1A-6SH ETC2-HL3-1A-6SH Datasheet
1Mb / 14P
1 Form A Configuration
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com