Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBFTV22N Datasheet(PDF) 2 Page - Amphenol PCD, Inc

Part # USBFTV22N
Description  2005USB ConnectionSystem for Harsh Environment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USBFTV22N Datasheet(HTML) 2 Page - Amphenol PCD, Inc

  USBFTV22N Datasheet HTML 1Page - Amphenol PCD, Inc USBFTV22N Datasheet HTML 2Page - Amphenol PCD, Inc USBFTV22N Datasheet HTML 3Page - Amphenol PCD, Inc USBFTV22N Datasheet HTML 4Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Amphenol ®
Amphenol Socapex Promenade de l’Arve -B.P.29 - 74311 THYEZ – F
Tel. :+ 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
www.usbfield.com
Main
Main Characteristics
Characteristics
Environmental Protection
• Sealing (when mated) : IP67 (Temporary immersion)
• Salt Spray :
48 h with Nickel plating
> 500 h with Olive Drab Cadmium
• Fire Retardant / Low Smoke : UL94 V0 and NF F 16 101 & 16 102
• Vibrations : 10 – 500 Hz, 10 g, 3 axes : no discontinuity > 1micro s
• Shocks : IK06 : weight of 250 g drop from 40 cm [15.75 in] onto
connectors (mated pair)
• Humidity : 21 days, 43°C, 98% humidity
• Temperature Range : - 55°C / +85°C
Data Transmission
• USB Specification 2.0
Data Rate : Up to 480 Mb/s for High Speed USB
Mechanical
• Tri Start Thread coupling mechanism (MIL-DTL-38999
series III type) with anti-decoupling device
• 2 mechanical Coding / Polarization possibilities by the user
(receptacle insert rotation)
• USBF TV plug retent° in the receptacle : 100 N in the axis
• Mating cycles : 500 to 1500
Can be used with most of the USB cordset Brands : No tools required
Assembly Instructions
1.
Only if you need a full sealing (IP67) : Install the white
sticker around the plug, covering the 4 little holes of the
overmolding
2.
Insert the black O Ring around the front face of the USB A
plug. This O Ring will ensure the connection sealing.
3.
Insert the USB cordset into the metallic backshell
4.
Insert laterally to the cable the retention spacer (this spacer
is soft, in order to adapt to different shapes of overmolding)
and slide the overmolding of the USB-A plug into this
retention spacer
5.
Insert laterally to the cable the the friction ring
6.
Choose the right coding (2 positions) and insert the USB-A
plug into the protective plug. Reference is main key.
7.
Screw the backshell on the plug body. A spanner can be
necessary to fully screw it, and the connection to the
receptacle can help.
Important Note : The connection sealing is not done by the black
retention spacer (which is sloted), but by the front face
ORing (see 2.)
12
3
4
5
6
7
Plug Assembly
Receptacle Assembly
7
Insert the USB module from the rear. Reference is main key.
Beware to have a coding compatible with the coding you used for
the plug : on front view, the white shapes in the USBs
must be on the same side.
To remove the USB module, insert
the removal tool USBF ODE from the
Front, and push back the module.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com