Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3FTV2BN Datasheet(PDF) 4 Page - Amphenol PCD, Inc

Part # USB3FTV2BN
Description  USB connection system for harsh environment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3FTV2BN Datasheet(HTML) 4 Page - Amphenol PCD, Inc

  USB3FTV2BN Datasheet HTML 1Page - Amphenol PCD, Inc USB3FTV2BN Datasheet HTML 2Page - Amphenol PCD, Inc USB3FTV2BN Datasheet HTML 3Page - Amphenol PCD, Inc USB3FTV2BN Datasheet HTML 4Page - Amphenol PCD, Inc USB3FTV2BN Datasheet HTML 5Page - Amphenol PCD, Inc USB3FTV2BN Datasheet HTML 6Page - Amphenol PCD, Inc USB3FTV2BN Datasheet HTML 7Page - Amphenol PCD, Inc USB3FTV2BN Datasheet HTML 8Page - Amphenol PCD, Inc USB3FTV2BN Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
89
Assembly instructions
Can be used with most the USB3.0 cordset brands : No tools required!
Plug assembly
1. Insert the USB3 cordset into the metallic backshell
2. Insert the retention spacer laterally to the cable (this spacer is soft,
in order to adapt to different shapes of overmolding) and slide the
overmolding of the USB3-A plug into this retention spacer
3. Insert the friction ring laterally to the cable
4. Choose the right coding (2 positions) and insert the USB-A plug into
the protective plug.Note at this step, the main key is used for polar-
ization through the blue seal.
7. Screw the backshell on the plug body. A wrench can be necessary to
fully tighten it, and the connection to the receptacle can help
n
Metallic caps
USBF TVC
2
G
Connector type
6: plug
2: square flange receptacle
7: jam nut eceptacle
Shells material & finish
N: aluminium shell - nickel - ROHS compliant
G: aluminium shell - olive drab cadmium
BZ: marine bronze shell - ROHS compliant
n
Panel gasket for square flange receptacle
Thickness: 0,8 mm [.031]
P/n: JE15
1
2
3
4
5
6
Accessories
IMPORTANT NOTE
The sealing is done by the blue seal.
USB3 cordset usable - Not provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com