Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU806 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BU806
Description  MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU806 Datasheet(HTML) 2 Page - STMicroelectronics

  BU806 Datasheet HTML 1Page - STMicroelectronics BU806 Datasheet HTML 2Page - STMicroelectronics BU806 Datasheet HTML 3Page - STMicroelectronics BU806 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
2.08
70
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
for BU807
VCE = 330 V
for BU806
VCE = 400 V
100
100
µA
µA
ICEV
Collector Cut-off
Current (VBE = -6V)
for BU807
VCE = 330 V
for BU806
VCE = 400 V
100
100
µA
µA
IEBO
Emitter Cut-off
Current (IC = 0)
VEB = 6 V
3.5
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
for BU807
for BU806
150
200
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 5A
IB = 50mA
1.5
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 5A
IB = 50mA
2.4
V
VF
Damper Diode
Forward Voltage
IF = 4A
2
V
ton
toff
ts
tf
RESISTIVE LOAD
Turn-on Time
Turn-off Time
Storage Time
Fall Time
IC = 5 A
VCC = 100 V
IB1 = 50 mA
IB2 = -500 mA
0.35
0.4
0.55
0.2
1
µs
µs
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle < 1.5 %
BU806 / BU807
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com