Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH12D43RNP-331M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH12D43RNP-331M
Description  POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH12D43RNP-331M Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH12D43RNP-331M Datasheet HTML 1Page - Sumida Corporation CDRH12D43RNP-331M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH12D43R
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
(μH)
[
Within]
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
Rise current
(A) ※2
CDRH12D43RNP-100M□
100
10±20%
22.5m(18m)
6.3
4.3
4.86
CDRH12D43RNP-150M□
150
15±20%
35m(28m)
4.9
3.4
3.88
CDRH12D43RNP-220M□
220
22±20%
46.3m(37m)
4.2
2.9
3.29
CDRH12D43RNP-330M□
330
33±20%
68.8m(55m)
3.5
2.35
2.62
CDRH12D43RNP-470M□
470
47±20%
97.5m(78m)
2.85
1.95
2.17
CDRH12D43RNP-680M□
680
68±20%
138.8m(111m)
2.35
1.75
1.85
CDRH12D43RNP-101M□
101
100±20%
193.8m(155m)
1.95
1.35
1.52
CDRH12D43RNP-151M□
151
150±20%
288.8m(231m)
1.56
1.08
1.22
CDRH12D43RNP-221M□
221
220±20%
421.3m(337m)
1.28
0.88
1.01
CDRH12D43RNP-331M□
331
330±20%
701.3m(651m)
1.05
0.71
0.75
CDRH12D43RNP-471M□
471
470±20%
1.018(814m)
0.86
0.60
0.65
CDRH12D43RNP-681M□
681
680±20%
1.420(1.136)
0.72
0.49
0.53
CDRH12D43RNP-102M□
102
1000±20%
2.173(1.738)
0.58
0.41
0.43
※
Description of part name
CDRH12D43RNP-100M□
※
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value.
※
2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
This datasheet is not a final issue, and maybe something will be changed before production.
B Box
C Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com