Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU807 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BU807
Description  MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU807 Datasheet(HTML) 1 Page - STMicroelectronics

  BU807 Datasheet HTML 1Page - STMicroelectronics BU807 Datasheet HTML 2Page - STMicroelectronics BU807 Datasheet HTML 3Page - STMicroelectronics BU807 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BU806
BU807
MEDIUM VOLTAGE NPN FAST SWITCHING
DARLINGTON TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
NPN DARLINGTONS
s
LOW BASE-DRIVE REQUIREMENTS
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
APPLICATION
s
HORIZONTAL DEFLECTION FOR
MONOCHROME TVs
DESCRIPTION
The devices are silicon Epitaxial Planar NPN
power transistors in Darlington configuration with
integrated base-emitter speed-up diode, mounted
in TO-220 plastic package.
They can be used in horizontal output stages of
110
oCRT video displays.
INTERNAL SCHEMATIC DIAGRAM
October 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
BU806
BU807
VCBO
Collector-base Voltage (IE = 0)
400
330
V
VCEV
Collector-emitter Voltage (VBE = -6V)
400
330
V
VCEO
Collector-emitter Voltage (IB = 0)
200
150
V
VEBO
Emitter-Base Voltage (IC = 0)
6
V
IC
Collector Current
8
A
ICM
Collector Peak Current
15
A
IDM
Damper Diode Peak Forward Current
10
A
IB
Base Current
2
A
Ptot
Total Power Dissipation at Tcase
< 25 oC
60
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max Operating Junction Temperature
150
oC
1
2
3
TO-220
®
1/4


Similar Part No. - BU807

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU807 MOSPEC-BU807 Datasheet
110Kb / 3P
POWER TRANSISTORS(8.0A,150-200V,60W)
logo
Fairchild Semiconductor
BU807 FAIRCHILD-BU807 Datasheet
41Kb / 4P
High Voltage & Fast Switching Darlington Transistor
logo
Boca Semiconductor Corp...
BU807 BOCA-BU807 Datasheet
116Kb / 3P
FAST SWITCHING DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
BU807 CENTRAL-BU807 Datasheet
347Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
BU807 CENTRAL-BU807 Datasheet
347Kb / 2P
NPN SILICON DARLINGTON TRANSISTORv
More results

Similar Description - BU807

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU808DFI STMICROELECTRONICS-BU808DFI Datasheet
72Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
Jun-2000
BU808DFP STMICROELECTRONICS-BU808DFP Datasheet
71Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
Jun-2000
BU810 STMICROELECTRONICS-BU810 Datasheet
63Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Jun-1997
logo
Zetex Semiconductors
ZDT605 ZETEX-ZDT605 Datasheet
48Kb / 3P
DUAL NPN MEDIUM POWER DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
BU808 ETC-BU808 Datasheet
72Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
logo
STMicroelectronics
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Dec-2000
logo
Sunspirit Electronic Lt...
BU808DFI-LF SUNSPIRIT-BU808DFI-LF Datasheet
1Mb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
logo
Unisonic Technologies
D4120P UTC-D4120P Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
logo
Continental Device Indi...
2N6387 CDIL-2N6387 Datasheet
92Kb / 4P
NPN PLASTIC MEDIUM DARLINGTON POWER TRANSISTORS
logo
Unisonic Technologies
D4120P UTC-D4120P_15 Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com