Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD-805. Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # RTD-805.
Description  General Purpose Industrial-Grade RTD Sensors (Class B)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

RTD-805. Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  RTD-805. Datasheet HTML 1Page - Omega Engineering, Inc. RTD-805. Datasheet HTML 2Page - Omega Engineering, Inc. RTD-805. Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C-68
C
Select Specifications: All sensors are provided with platinum elements with a resistance of 100.00 ±0.12 Ω at 0°C, and a temperature coefficient
(alpha) of 0.00385 Ω/Ω/°C. All sensors are supplied with 1 m (40") of 3-conductor, #26 AWG stranded nickel-plated copper, PFA-insulated,
PFA-jacketed cable. Standard termination is stripped leads.
For heavy-duty connectors, add
“-OTP” to model number, for additional cost. For miniature connectors, add “-MTP” to model number, for
additional cost.
Ordering Examples: RTD-850-B (3-pack). RTD-860-B-OTP RTD-860-B sensor with OTP connectors installed on all 3 sensors, (3 pack).
Shown smaller than actual size
with optional OM-DAQPRO-5300,
handheld data logger.
Visit omega.com/om-daqpro-5300
Typical bolt-mounted
configuration
could be used
with OMEGATHERM®
thermal paste.
Typical epoxy
mounting;
see OMEGABOnD®
cements and epoxies
.
Perfect for tight spaces where
temperature control is needed.
Typical Applications
U
Product Environmental and Performance Testing
U
Climate Control/HVAC
U
Thermal Protection of Electronic Products
(Power Supplies, Electronic Racks, and Enclosures)
U
Temperature Monitoring of Processes, Equipment,
and Structures
Custom
Holes Available.
Consult Custom
Engineering.
To Order Visit omega.com/rtd-800_classb for Pricing and Details
Temperature
Typical
Configuration
Model no. Description
Range
Applications
Sensing element is installed into
HVAC, Laboratory, Workplace
RTD-805-B
a stainless steel housing for direct
or Other Air Temperature Applications
contact with air and gas
-50 to 230°C
Sensing element is installed into
(-60 to 445°F)
RTD-806-B
a plastic housing for direct
contact with air and gas
Sensor is packaged in a
Compressor Efficiency and
round stainless steel housing
-50 to 230°C
Surface Temperature Measurements
RTD-809-B
and encapsulated with epoxy.
(-60 to 445°F)
An ideal design for cementing or
applying to flat or pliable surfaces.
RTD-810-B
Closed-ended stainless steel
Measurements in Liquids and
(1⁄8 NPT thread)
probe with 1⁄8 NPT or BSPT
Pressurized Systems
threaded fitting. This design
-200 to 750°C
RTD-810M-B
is ideal for fluid measurements
(-328 to 1380°F)
(1⁄8 BSPT thread)
and use in pressurized systems.
Aluminum housing is machined
Flat Surface Measurements
to accept a #4 screw for easy
-50 to 230°C
Where a #4 Screw Can
RTD-830-B
mounting on flat surfaces.
(-60 to 445°F)
be Used for Installation
Can also be easily cemented or
applied to flat surfaces.
RTD-850-B
1
⁄4
" stainless steel hex body
Power Supplies, Electronic
(#8-32 thread)
includes a #8-32 or M4 thread for
-50 to 230°C
Equipment, Mechanical Structures
installation into tight places. Can
(-60 to 445°F)
RTD-850M-B
be used in screw or bolt holes for
(M4 thread)
measuring structure temperatures.
Closed-ended stainless steel
HVAC, Laboratory or Other Air
tube with a round mounting plate.
-50 to 230°C
Temperature Applications
RTD-860-B
Two holes are supplied for
(-60 to 445°F)
mounting. PFA-insulated
lead wires.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com