Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5658 Datasheet(PDF) 2 Page - Rohm

Part # 2SC5658
Description  General purpose small signal amplifier (50V,150mA)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5658 Datasheet(HTML) 2 Page - Rohm

  2SC5658 Datasheet HTML 1Page - Rohm 2SC5658 Datasheet HTML 2Page - Rohm 2SC5658 Datasheet HTML 3Page - Rohm 2SC5658 Datasheet HTML 4Page - Rohm 2SC5658 Datasheet HTML 5Page - Rohm 2SC5658 Datasheet HTML 6Page - Rohm 2SC5658 Datasheet HTML 7Page - Rohm 2SC5658 Datasheet HTML 8Page - Rohm 2SC5658 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2SC5658 / 2SC4617EB / 2SC4617E3 / 2SC4081UB / 2SC4081U3 / 2SC2412K      
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
150
mA
ICP*1
200
mA
Power dissipation
2SC5658
PD*2
150
mW
2SC4617EB
150
2SC4617E3
150
2SC4081UB
200
2SC4081U3
200
2SC2412K
200
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = 50μA
60
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = 1mA
50
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = 50μA
7
-
-
V
Collector cut-off current
ICBO
VCB = 60V
-
-
100
nA
Emitter cut-off current
IEBO
VEB = 7V
-
-
100
nA
Collector-emitter saturation voltage
VCE(sat) IC = 50mA, IB = 5mA
-
-
400
mV
DC current gain
hFE
VCE = 6V, IC = 1mA
120
-
390
-
Transition frequency
fT
VCE = 12V, IE = -2mA,
f = 100MHz
-
180
-
MHz
Output capacitance
Cob
VCB = 12V, IE = 0A,
f = 1MHz
-
2.0
3.5
pF
hFE values are calssified as follows :
rank
Q
R
-
-
-
hFE
120-270
180-390
-
-
-
*1 Pw=1ms, Single Pulse.
*2 Each terminal mounted on a reference land.
                                            
 
                                          
www.rohm.com
© 2024 ROHM Co., Ltd. All rights reserved.
2/12
20240920 - Rev.007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com