Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEFD1608 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CEFD1608
Description  General Power & PoE Transformer Type: CEFD series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEFD1608 Datasheet(HTML) 2 Page - Sumida Corporation

  CEFD1608 Datasheet HTML 1Page - Sumida Corporation CEFD1608 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Power & PoE Transformer<SMD Type: CEFD series>
Type: CEFD1608
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification (For general power transformer)
◆
Specification (For PoE transformer)
Sample No.
Inductance (1,2-7,8)
(100kHz/0.1V)
D.C.R.(1-8)
(mΩ Max.)
Hi-pot (1,2,7,8-3,4,5,6)
(50/60Hz)
P04NZ-013
21μH±8%
500
AC1500Vrms/1s.
D.C.R. (mΩ Max.)
Sample No.
Turns Ratio
(Pri:Sec:Aux)
Primary
Inductance
100kHz/1V
Pri-Sec.
Insulation
Leakage L
(μH Max.)
Pri.
Aux.
Sec.1
Sec.2
PS05-025
1:0.5:0.5:0.67
47.5μH±15%
DC650V
(0.5mA,1s.)
0.7
190
410
60
60



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com