Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6206
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6206_V01 Datasheet HTML 16Page - STMicroelectronics L6206_V01 Datasheet HTML 17Page - STMicroelectronics L6206_V01 Datasheet HTML 18Page - STMicroelectronics L6206_V01 Datasheet HTML 19Page - STMicroelectronics L6206_V01 Datasheet HTML 20Page - STMicroelectronics L6206_V01 Datasheet HTML 21Page - STMicroelectronics L6206_V01 Datasheet HTML 22Page - STMicroelectronics L6206_V01 Datasheet HTML 23Page - STMicroelectronics L6206_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Application information
L6206
20/29
DocID07617 Rev 4
It is also possible to parallel the four half-bridges to obtain a simple half-bridge as shown in
Figure 17. In this configuration the overcurrent threshold is equal to twice the minimum
threshold set by the resistors RCLA or RCLB in Figure 17. It is recommended to use
RCLA = RCLB.
The resulting half-bridge has the following characteristics:
Equivalent device: half-bridge
RDS(ON) 0.075. typ. value at TJ = 25 °C
5.6 A max. RMS load current
11.2 A max. OCD threshold
Figure 17. Paralleling the four half-bridges (with reference to 24-pin packages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com