Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206PD Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6206PD
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206PD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6206PD Datasheet HTML 14Page - STMicroelectronics L6206PD Datasheet HTML 15Page - STMicroelectronics L6206PD Datasheet HTML 16Page - STMicroelectronics L6206PD Datasheet HTML 17Page - STMicroelectronics L6206PD Datasheet HTML 18Page - STMicroelectronics L6206PD Datasheet HTML 19Page - STMicroelectronics L6206PD Datasheet HTML 20Page - STMicroelectronics L6206PD Datasheet HTML 21Page - STMicroelectronics L6206PD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Application information
L6206
18/29
DocID07617 Rev 4
6.1
Paralleled operation
The outputs of the L6206 device can be paralleled to increase the output current capability
or reduce the power dissipation in the device at a given current level. It must be noted,
however, that the internal wire bond connections from the die to the power or sense pins of
the package must carry current in both of the associated half-bridges. When the two halves
of one full bridge (for example OUT1A and OUT2A) are connected in parallel, the peak
current rating is not increased since the total current must still flow through one bond wire on
the power supply or sense pin. In addition the overcurrent detection senses the sum of the
current in the upper devices of each bridge (A or B) so connecting the two halves of one
bridge in parallel does not increase the overcurrent detection threshold.
For most applications the recommended configuration is half-bridge 1 of bridge A paralleled
with the half-bridge 1 of the bridge B, and the same for the half-bridges 2 as shown in
Figure 15. The current in the two devices connected in parallel will share very well since the
RDS(ON) of the devices on the same die is well matched.
When connected in this configuration the overcurrent detection circuit, which senses the
current in each bridge (A and B), will sense the current in upper devices connected in
parallel independently and the sense circuit with the lowest threshold will trip first. With the
enables connected in parallel, the first detection of an overcurrent in either upper DMOS
device will turn of both bridges. Assuming that the two DMOS devices share the current
equally, the resulting overcurrent detection threshold will be twice the minimum threshold
set by the resistors RCLA or RCLB in Figure 15. It is recommended to use RCLA = RCLB.
In this configuration the resulting bridge has the following characteristics:
Equivalent device: full bridge
RDS(ON) 0.15  typ. value at TJ = 25 °C
5.6 A max. RMS load current
11.2 A max. OCD threshold
Figure 15. Parallel connection for higher current (with reference to 24-pin packages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com