Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L452CEU6 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32L452CEU6
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452CEU6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32L452CEU6 Datasheet HTML 56Page - STMicroelectronics STM32L452CEU6 Datasheet HTML 57Page - STMicroelectronics STM32L452CEU6 Datasheet HTML 58Page - STMicroelectronics STM32L452CEU6 Datasheet HTML 59Page - STMicroelectronics STM32L452CEU6 Datasheet HTML 60Page - STMicroelectronics STM32L452CEU6 Datasheet HTML 61Page - STMicroelectronics STM32L452CEU6 Datasheet HTML 62Page - STMicroelectronics STM32L452CEU6 Datasheet HTML 63Page - STMicroelectronics STM32L452CEU6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 210 page
background image
Pinouts and pin description
STM32L452xx
60/210
DocID029968 Rev 3
Table 15. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
RST
Bidirectional reset pin with embedded weak pull-up resistor
Option for TT or FT I/Os
_f (1)
I/O, Fm+ capable
_u (2)
I/O, with USB function supplied by VDDUSB
_a (3)
I/O, with Analog switch function supplied by VDDA
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 16 are: FT_f, FT_fa.
2. The related I/O structures in Table 16 are: FT_u, FT_fu.
3. The related I/O structures in Table 16 are: FT_a, FT_fa, TT_a.
Table 16. STM32L452xx pin definitions
Pin Number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions
---
--
1
B2
PE2
I/O
FT
-
TRACECK, TIM3_ETR,
TSC_G7_IO1,
SAI1_MCLK_A,
EVENTOUT
-
---
--
2
A1
PE3
I/O
FT
-
TRACED0, TIM3_CH1,
TSC_G7_IO2,
SAI1_SD_B, EVENTOUT
-
---
--
3
B1
PE4
I/O
FT
-
TRACED1, TIM3_CH2,
DFSDM1_DATIN3,
TSC_G7_IO3,
SAI1_FS_A, EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com