Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEFD2010 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEFD2010
Description  Automotive Lighting WLED Driver Transformer Type: CEFD Series >
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEFD2010 Datasheet(HTML) 1 Page - Sumida Corporation

  CEFD2010 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automotive Lighting WLED Driver Transformer<SMD Type: CEFD Series >
Type: CEFD2010
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Epoxy
0.7 Ref
0.4 Ref
1
6
7
12
10×3.0±0.3
22.0 Max.
11.5 Max.
4
5
11
8
3
1
10
9
◆
Product Description
・
29.5×22.0mm Max.(L×W), 11.5mmMax. Height.
・
In addition to the typical versions of parameters shown here,
custom parameters are available to meet your exact requirements.
◆
Feature
・
Max. Operating frequency 300kHz,Max. Operating Power 19.0W(100kHz).
・
Ideally used as automotive lighting WLED driver transformer, can be also used as a general
transformer.
・
RoHS Compliance
◆
Dimensions
(mm)
◆
Schematics (Bottom)
◆
Land Pattern
“◍”
indicates winding start.
◆
Specification
Sample No.
Inductance (1-3)
100kHz/0.1V
D.C.R.
(1-3)
Max.
Leakage
Inductance(1-3)
100kHz/0.1V
Hi-pot
(1,3,4,5-8,9,10,11)
0399-T025
230μH±10%
200mΩ
5.0μH Max.
DC1800V/1s
10×3.0±0.3
12×1.5


Similar Part No. - CEFD2010

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEFD2010B SUMIDA-CEFD2010B Datasheet
131Kb / 1P
Power over Ethernet Transformer
More results

Similar Description - CEFD2010

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
logo
Sumida Corporation
CEE158 SUMIDA-CEE158 Datasheet
132Kb / 2P
Transformer
CEEH157 SUMIDA-CEEH157 Datasheet
138Kb / 1P
Transformer
CEER3010 SUMIDA-CEER3010 Datasheet
120Kb / 1P
Automotive HID Transformer
CEFD1608 SUMIDA-CEFD1608 Datasheet
149Kb / 2P
General Power & PoE Transformer
CEFD2010B SUMIDA-CEFD2010B Datasheet
131Kb / 1P
Power over Ethernet Transformer
CEFD2513B SUMIDA-CEFD2513B Datasheet
127Kb / 1P
Power over Ethernet Transformer
logo
Allied Components Inter...
AEDR23-4070 ALLIED-AEDR23-4070 Datasheet
2Mb / 2P
SMD Lighting Transformer
logo
Sumida Corporation
CEEH158 SUMIDA-CEEH158 Datasheet
236Kb / 1P
Transformer
logo
Bel Fuse Inc.
LT277-50-12 BEL-LT277-50-12 Datasheet
475Kb / 1P
Lighting Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com