Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet(PDF) 2 Page - ams AG

Part # AS8221
Description  High Performance Bus Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 2 Page - ams AG

  AS8221 Datasheet HTML 1Page - ams AG AS8221 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Code: 12643-103-00a
Page 2 of 2
AS8221
High Performance Bus Transceiver
PRODUCT BRIEF
Pin Pin Name
Pin Type
Notes
1
INH2
AIO
Inhibit switch floating in standby/sleep mode
2
INH1
AIO
Inhibit switch floating in sleep mode
3
EN
DI_PD
Enable input
4
VIO
S
I/O supply voltage
5
TxD
DI_PD
Transmission data input
6
TxEN
DI_PU
Transmission data enable
7
RxD
DO
Receive data output
8
BGE
DI_PD
Bus guardian enable
9
STBN
DI_PD
Standby input
10
Not used
11
Not used
12
RxEN
DO
Receive data enable output
13
ERRN
DO
Error diagnosis output
14
VBAT
S
Battery supply voltage
15
WAKE
AIO
Local wakeup input
16
GND
S
Ground
17
BM
AIO
Bus line Minus
18
BP
AIO
Bus line Plus
19
VCC
S
Supply voltage
20
Not used
Contact
Headquarters:
austriamicrosystems AG
Business Unit Automotive
T. +43 (0) 3136 500 0
F. +43 (0) 3136 5692
info@austriamicrosystems.com
For Sales Offices, Distributors and Representatives, please
visit: www.austriamicrosystems.com
Copyright © 2006 austriamicrosystems. Trademarks
registered ®. All rights reserved. The material herein
may not be reproduced, adapted, merged, translated,
stored, or used without the prior written consent of
the copyright owner. To the best of its knowledge,
austriamicrosystems.
Pin Description
PIN Types:
S...................supply pad
AIO...............analog I/O
DI .................digital input
DI_PU ..........digital input with pull-up
DI_PD ..........digital input with pull-down
DIO_PU........digital I/O with pull-up
DIO_PD........digital I/O with pull-down
DIO_T ..........digital I/O / tristate
DO................digital output
DO_OD ........digital output open drain



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com