Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS596PW Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HCS596PW
Description  SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS596PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS596PW Datasheet HTML 2Page - Texas Instruments SN74HCS596PW Datasheet HTML 3Page - Texas Instruments SN74HCS596PW Datasheet HTML 4Page - Texas Instruments SN74HCS596PW Datasheet HTML 5Page - Texas Instruments SN74HCS596PW Datasheet HTML 6Page - Texas Instruments SN74HCS596PW Datasheet HTML 7Page - Texas Instruments SN74HCS596PW Datasheet HTML 8Page - Texas Instruments SN74HCS596PW Datasheet HTML 9Page - Texas Instruments SN74HCS596PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement
Information.
PARAMETER
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
MAX
MIN
MAX
tsu
Setup time
SER before
SRCLK↑
2 V
8
13
ns
4.5 V
4
5
6 V
3
4
SRCLK↑ before
RCLK↑
2 V
11
18
4.5 V
5
7
6 V
4
6
SRCLR low before
RCLK↑
2 V
8
13
4.5 V
4
6
6 V
4
5
SRCLR high
(inactive) before
SRCLK↑
2 V
8
13
4.5 V
4
6
6 V
4
5
th
Hold time
SER after SRCLK↑
2 V
0
0
ns
4.5 V
0
0
6 V
0
0
6.7 Switching Characteristics
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement
Information.
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
fmax
Max switching frequency
2 V
35
19
MHz
4.5 V
110
60
6 V
130
75
tpd
Propagation delay
SRCLK
QH'
2 V
14
19
45
ns
4.5 V
6
8
25
6 V
5
7
21
RCLK
QA - QH
2 V
16
21
45
4.5 V
6
9
25
6 V
6
8
21
tPHL
Propagation delay
SRCLR
QH'
2 V
13
19
45
ns
4.5 V
6
8
25
6 V
6
8
21
ten
Enable time
OE
QA - QH
2 V
12
18
27
ns
4.5 V
6
9
13
6 V
5
8
11
tdis
Disable time
OE
QA - QH
2 V
13
16
20
ns
4.5 V
9
11
13
6 V
8
10
12
SN74HCS596
SCLS840 – AUGUST 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com