Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G79DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC1G79DBVR
Description  SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G79DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1G79DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC1G79DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC1G79DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC1G79DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC1G79DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC1G79DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC1G79DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC1G79DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC1G79DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
MCU
VCC > 1.65V for Operation
VCC > 1.50V for Data Retention
GPIO
CLK
Q
D
2
1
3
4
5
CLK
SN74LVC1G79
GND
VCC
Copyright © 2017, Texas Instruments Incorporated
13
SN74LVC1G79
www.ti.com
SCES220U – APRIL 1999 – REVISED APRIL 2017
Product Folder Links: SN74LVC1G79
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
A useful application for the SN74LVC1G79 is using it as a data latch with low-voltage data retention. This
application implements the use of a microcontroller GPIO pin to act as a clock to set the output state and a
second GPIO to provide the input data. If the SN74LVC1G79 is being powered from 1.8 V and there is concern
that a power glitch could exist as low as 1.5 V, the device will retain the state of the Q output. An example of this
data retention is shown in Figure 8 where the VCC drops to 1.5 V and the Q output maintains the HIGH output
state when VCC returns to 1.8 V. If the VCC voltage drops below 1.5 V, data retention is not guaranteed.
9.2 Typical Application
Figure 7. Low Voltage Data Retention With SN74LVC1G79
9.2.1 Design Requirements
The SN74LVC1G79 device uses CMOS technology and has balanced output drive. Take care to avoid bus
contention because it can drive currents that would exceed maximum limits.
9.2.2 Detailed Design Procedure
1. Recommended input conditions:
–
For rise time and fall time specifications, see Δt/Δv in Recommended Operating Conditions.
–
For specified high and low levels, see VIH and VIL in Recommended Operating Conditions.
–
Input voltages are recommended to not go below 0 V and not exceed 5.5 V for any VCC. See
Recommended Operating Conditions.
2. Recommended output conditions:
–
Load currents should not exceed ±50 mA. See Absolute Maximum Ratings.
–
Output voltages are recommended to not go below 0 V and not exceed the VCC voltage. See
Recommended Operating Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com