Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75DP118RHHT Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75DP118RHHT
Description  DisplayPort 1:1 Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75DP118RHHT Datasheet(HTML) 4 Page - Texas Instruments

  SN75DP118RHHT Datasheet HTML 1Page - Texas Instruments SN75DP118RHHT Datasheet HTML 2Page - Texas Instruments SN75DP118RHHT Datasheet HTML 3Page - Texas Instruments SN75DP118RHHT Datasheet HTML 4Page - Texas Instruments SN75DP118RHHT Datasheet HTML 5Page - Texas Instruments SN75DP118RHHT Datasheet HTML 6Page - Texas Instruments SN75DP118RHHT Datasheet HTML 7Page - Texas Instruments SN75DP118RHHT Datasheet HTML 8Page - Texas Instruments SN75DP118RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
THERMAL CHARACTERISTICS
SN75DP118
SLLS916B – SEPTEMBER 2008 – REVISED APRIL 2009 ................................................................................................................................................ www.ti.com
ORDERING INFORMATION
PART NUMBER
PART MARKING
PACKAGE(1)
SN75DP118RHHR
DP118
36-pin QFN Reel (large)
SN75DP118RHHT
DP118
36-pin QFN Reel (small)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply Voltage Range(2)
VCC, VDD
–0.3 to 5.5
V
Main Link I/O (ML_IN x, ML_OUT x) Differential Voltage
1.5
V
Voltage Range
HPD and CAD I/O
–0.3 to VCC + 0.3
V
Control I/O
–0.3 to VCC + 0.3
V
Human body model(3)
±12000
V
Electrostatic discharge
Charged-device model(4)
±1000
V
Machine model(5)
±200
V
Continuous power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-A.
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A.
DERATING FACTOR(1)
TA = 85°C
PACKAGE
PCB JEDEC STANDARD
TA < 25°C
ABOVE TA = 25°C
POWER RATING
Low-K
759 mW
7.5 mW/°C
303 mW
36-pin QFN (RHH)
High-K
2127 mW
21.2 mW/°C
851 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(1)
UNIT
RθJB
Junction-to-board thermal resistance
4x4 Thermal vias under powerpad
28.11
°C/W
RθJC
Junction-to-case thermal resistance
32.77
°C/W
LP = 5.5 V; ML: VPP = 1200 mV, 2.7 Gbps,
PRBS; HPD_IN/CAD_IN/CAD_INV = 5.5 V;
PD
Device power dissipation
240
280
mW
VCC = 5.5 V,
VDD = 5.25 V; Temp = 85°C; DPadj = 6.49 kΩ
LP = 0V; HPD_IN/CAD_IN/CAD_INV = 5.5V ;
Device power dissipation under low
VCC = 5.5V ,
PSD
40
µW
power
VDD = 5.2 V; Temp = 85°C; DPadj = 6.49 kΩ
(1)
Maximum Rating is simulated under worse case condition.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): SN75DP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com