Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBTR Datasheet(PDF) 29 Page - Texas Instruments

Part # TAS3103ADBTR
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBTR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS3103ADBTR Datasheet HTML 25Page - Texas Instruments TAS3103ADBTR Datasheet HTML 26Page - Texas Instruments TAS3103ADBTR Datasheet HTML 27Page - Texas Instruments TAS3103ADBTR Datasheet HTML 28Page - Texas Instruments TAS3103ADBTR Datasheet HTML 29Page - Texas Instruments TAS3103ADBTR Datasheet HTML 30Page - Texas Instruments TAS3103ADBTR Datasheet HTML 31Page - Texas Instruments TAS3103ADBTR Datasheet HTML 32Page - Texas Instruments TAS3103ADBTR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 154 page
background image
6-CH, single-chip, crystal (I2S)
6-CH, single-chip (LJ)
6-CH, single-chip, crystal (LJ)
Discrete, 16-bit packed
Word Size Code†
DIGITAL AUDIO FORMAT AND CLOCK MANAGEMENT
OSC
XTALI
0
1
2
3
MCLKO
0
1
2
PLL0
x11
PLL
MUX
MUX
PLL
BYPASS
Digital Audio
Processor
Clock
PLL[1:0]
0
1
2
3
4
5
6
7
MUX
MUX
CRYSTAL
0
1
2
3
MUX
1
0
MUX
0
1
2
3
4
5
6
7
MUX
0
1
2
3
4
5
6
7
MUX
1
0
MUX
0
1
SCLKIN
SCLKOUT2
SCLKOUT1
LRCLK
0xF9
DWFMT (Data Word Format)
Word Size
32-bit
16-bit (default)
18-bit
20-bit
24-bit
32-bit
IM0/OM0
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
0
1
0
1
0
1
1
0
0
1
1
1
1
0
0
0
1
0
0
1
1
0
1
0
1
0
1
1
1
1
0
0
1
1
0
1
1
1
1
0
1
1
1
1
Mode
Discrete, left-justified
Discrete, left-justified (default)
Discrete, right-justified
TDM_LJ_8
TDM_LJ_6
TDM_LJ_4
TDM_I2S_8
TDM_I2S_6
TDM_I2S_4
TDM_20Bit_6
AB assigns TDM time slots for those TDM
outputs involving two TAS3103As. For these
output formats, one of the TAS3103A chips
must be defined as AB = 0. The other
TAS3103A chip must be defined as AB = 1.
MCLKI
IW2/OW2
0
0
0
0
1
1
1
1
IW1/OW1
0
0
1
1
0
0
1
1
IW0/OW0
0
1
0
1
0
1
0
1
Ack
IOM
Ack
OW[2:0]
15
IW[2:0]
0
AB
14
13
11 10
8
7
DWFMT
8
15
Ack
z[2:0]
IMS
x[2:0]
ICS§
Ack
x[2:0]
y[2:0]
w[1:0]
000
Ack
Subaddr
Ack
Slave Addr
S
16
18
19
21
22
23
24
26
27
28
29
31
OM[3:0]
IM[3:0]
74
3
0
÷2
÷4
÷16
÷32
÷8
÷2
÷4
÷16
÷32
÷8
÷2
÷4
÷2
÷4
PLL1
÷32
÷64
÷128
÷192
÷256
÷512
÷384
IM1/OM1
IM2/OM2
IM3/OM3
XTALO
32-bit
32-bit
NOTE: See Section 2.1.1 for a detailed discussion of restrictions regarding updating of the 0xF9 register.
Serial Audio Port (AP) Mode Code‡
‡Input and output mode selections are independent.
†Input and output word sizes are independent.
I2C Block
§ I2S MASTER/SLAVE bit
Discrete, I2S
6-CH, single-chip, 20-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com