Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6002IDWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS6002IDWPR
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002IDWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS6002IDWPR Datasheet HTML 3Page - Texas Instruments THS6002IDWPR Datasheet HTML 4Page - Texas Instruments THS6002IDWPR Datasheet HTML 5Page - Texas Instruments THS6002IDWPR Datasheet HTML 6Page - Texas Instruments THS6002IDWPR Datasheet HTML 7Page - Texas Instruments THS6002IDWPR Datasheet HTML 8Page - Texas Instruments THS6002IDWPR Datasheet HTML 9Page - Texas Instruments THS6002IDWPR Datasheet HTML 10Page - Texas Instruments THS6002IDWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RECEIVER
electrical characteristics, VCC = ±15 V, RL = 150 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ± 5 V
TA = 25°C
4.2
5.5
ICC
Quiescent current
VCC = ± 5 V
TA = full range
7.5
mA
ICC
Quiescent current
VCC = ± 15 V
TA = 25°C
5
7
mA
VCC = ± 15 V
TA = full range
9
† Full range is 0°C to 70°C for the THS6002C and −40°C to 85°C for the THS6002I.
operating characteristics, VCC = ±15 V, RL = 150 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Differential slew rate
VO = 10 V(PP),
G = 2
900
V/
µs
ts
Settling time to 0.1%
10 V Step,
G = 2
50
ns
THD
Total harmonic distortion
VO(PP) = 20 V,
G = 5,
RF = 510 Ω,
f =1 MHz
−68
dBc
Vn
Input voltage noise
VCC = ± 5 V or ± 15 V
G = 2
f = 10 kHz,
1.7
nV/
√Hz
In
Input current noise
Positive (IN+)
VCC = ± 5 V or ± 15 V,
f = 10 kHz,
11.5
pA/
√Hz
In
Input current noise
Negative (IN−)
VCC = ± 5 V or ± 15 V,
G = 2
f = 10 kHz,
16
pA/
√Hz
VI = 200 mV,
G = 1,
VCC = ± 5 V
270
300
MHz
Small-signal bandwidth (−3 dB)
VI = 200 mV,
G = 1,
RF = 560 Ω
VCC = ± 15 V
300
330
MHz
BW
Small-signal bandwidth (−3 dB)
VI = 200 mV,
G = 2,
RF = 430 Ω
VCC = ± 15 V
285
MHz
Bandwidth for 0.1 dB flatness
VI = 200 mV,
G = 1,
VCC = ± 5 V
20
MHz
Bandwidth for 0.1 dB flatness
VI = 200 mV,
G = 1,
RF = 560 Ω
VCC = ± 15 V
25
MHz
Full power bandwidth (see Note 3)
VO = 20 V(PP)
14
MHz
AD
Differential gain error
40 IRE,
G = 2,
VCC = ± 5 V
0.09%
AD
Differential gain error
40 IRE,
G = 2,
RL = 150 Ω,
NTSC
VCC = ± 15 V
0.1%
φD
Differential phase error
40 IRE,
G = 2,
VCC = ± 5 V
0.13
°
φD
Differential phase error
40 IRE,
G = 2,
RL = 150 Ω,
NTSC
VCC = ± 15 V
0.16
°
NOTE 3: Full power bandwidth = slew rate/2
πVpeak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com