Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331QDBVRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TL331QDBVRQ1
Description  TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331QDBVRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL331QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TL331QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TL331QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TL331QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TL331QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TL331QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TL331QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TL331QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TL331QDBVRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
5.9 Electrical Characteristics, TL331-Q1, TL331E-Q1
at specified free-air temperature, VCC = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA
MIN
TYP
MAX UNIT
VIO
Input offset voltage
VCC = 5V to 30V, VO = 1.4V,
VIC = VIC(min)
25°C
2
5
mV
Over
Temp
9
IIO
Input offset current
VO = 1.4V
25°C
5
50
nA
Over
Temp
250
IIB
Input bias current
VO = 1.4V
25°C
–25
–250
nA
Over
Temp
–400
VICR
Common-mode input voltage
range(2)
25°C
0 to VCC – 1.5
V
Over
Temp
0 to VCC – 2
AVD
Large-signal differential-voltage
amplification
VCC = 15V, VO = 1.4V to 11.4V,
RL ≥ 15kΩ to VCC
25°C
50
200
V/mV
IOH
High-level output current
VOH = 5V, VID = 1V
25°C
0.1
50
nA
VOH = 30V, VID = 1V
Over
Temp
1
μA
VOL
Low-level output voltage
IOL = 4mA, VID = –1V
25°C
150
400
mV
Over
Temp
700
IOL
Low-level output current
VOL = 1.5V, VID = –1V
25°C
6
mA
ICC
Supply current
RL = ∞, VCC = 5V
25°C
0.4
0.7
mA
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
The voltage at either input or common-mode can not be allowed to go negative by more than 0.3V. The upper end of the common-
mode voltage range is VCC+ – 1.5V at 25°C, but either or both inputs can go to 30V without damage.
5.10 Switching Characteristics, TL331-Q1, TL331E-Q1
VCC = 5V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Response time
RL connected to 5V through 5.1kΩ, CL = 15pF(1) (2)
100mV input step with 5mV overdrive
1.3
μs
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4V.
www.ti.com
TL331-Q1, TL331B-Q1, TL391B-Q1
SLVS969H – OCTOBER 2009 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TL331-Q1 TL331B-Q1 TL391B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com