Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331KDBVR Datasheet(PDF) 3 Page - Texas Instruments

Part # TL331KDBVR
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVR Datasheet(HTML) 3 Page - Texas Instruments

  TL331KDBVR Datasheet HTML 1Page - Texas Instruments TL331KDBVR Datasheet HTML 2Page - Texas Instruments TL331KDBVR Datasheet HTML 3Page - Texas Instruments TL331KDBVR Datasheet HTML 4Page - Texas Instruments TL331KDBVR Datasheet HTML 5Page - Texas Instruments TL331KDBVR Datasheet HTML 6Page - Texas Instruments TL331KDBVR Datasheet HTML 7Page - Texas Instruments TL331KDBVR Datasheet HTML 8Page - Texas Instruments TL331KDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
OUT
VCC
IN+
IN-
GND
Note reversed inputs compared to similar common pinout
Figure 4-1. TL331, TL331B DBV Package, 5-Pin SOT-23, Top View
1
2
3
4
5
IN+
VCC
IN-
OUT
GND
Note reversed inputs compared to similar common pinout
Figure 4-2. TL391B DBV Package, 5-Pin SOT-23, Top View
Pin Functions
PIN
TYPE
DESCRIPTION
TL331, TL331B
TL391B
NAME
NO.
NO.
IN+
3
4
I
Positive Input
IN–
1
3
I
Negative Input
OUT
4
1
O
Open Collector/Drain Output
VCC
5
5
—
Power Supply Input
GND
2
2
—
Ground
www.ti.com
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com