Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331KDBVT Datasheet(PDF) 17 Page - Texas Instruments

Part # TL331KDBVT
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL331KDBVT Datasheet HTML 13Page - Texas Instruments TL331KDBVT Datasheet HTML 14Page - Texas Instruments TL331KDBVT Datasheet HTML 15Page - Texas Instruments TL331KDBVT Datasheet HTML 16Page - Texas Instruments TL331KDBVT Datasheet HTML 17Page - Texas Instruments TL331KDBVT Datasheet HTML 18Page - Texas Instruments TL331KDBVT Datasheet HTML 19Page - Texas Instruments TL331KDBVT Datasheet HTML 20Page - Texas Instruments TL331KDBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
7.2.3 Application Curves
The following curves were generated with 5V on VCC and VLogic, RPULLUP = 5.1kΩ, and 50pF scope probe.
±1
0
1
2
3
4
5
6
-0.25
0.25
0.75
1.25
1.75
2.25
Time (usec)
5mV OD
20mV OD
100mV OD
C004
Figure 7-2. Response Time for Various Overdrives
(Positive Transition)
±1
0
1
2
3
4
5
6
±0.25 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (usec)
5mV OD
20mV OD
100mV OD
C006
Figure 7-3. Response Time for Various Overdrives
(Negative Transition)
7.2.4 ESD Protection
The "B" and TiB versions add dedicated ESD protections on all the pins for improved ESD performance. Please
see Application Note SNOAA35 for more information.
7.2.5 Power Supply Recommendations
For fast response and comparison applications with noisy or AC inputs, it is recommended to use a bypass
capacitor on the supply pin to reject any variation on the supply voltage. This variation can eat into the
comparator's input common mode range and create an inaccurate comparison.
7.2.6 Layout
7.2.6.1 Layout Guidelines
For accurate comparator applications without hysteresis it is important maintain a stable power supply with
minimized noise and glitches, which can affect the high level input common mode voltage range. To achieve this,
it is best to add a bypass capacitor between the supply voltage and ground. This should be implemented on
the positive power supply and negative supply (if available). If a negative supply is not being used, do not put a
capacitor between the IC's GND pin and system ground.
7.2.6.2 Layout Example
OUT
1
IN–
2
IN+
3
4
V CC
5
0.1 F
μ
GND
0.1 F
μ
Ground
Bypass
Capacitor
Positive Supply
Negative Supply or Ground
Ground
Only needed
for dual power
supplies
Figure 7-4. TL331 Layout Example
www.ti.com
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com