Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL750L05CLP Datasheet(PDF) 26 Page - Texas Instruments

Part # TL750L05CLP
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL750L05CLP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TL750L05CLP Datasheet HTML 20Page - Texas Instruments TL750L05CLP Datasheet HTML 21Page - Texas Instruments TL750L05CLP Datasheet HTML 22Page - Texas Instruments TL750L05CLP Datasheet HTML 23Page - Texas Instruments TL750L05CLP Datasheet HTML 24Page - Texas Instruments TL750L05CLP Datasheet HTML 25Page - Texas Instruments TL750L05CLP Datasheet HTML 26Page - Texas Instruments TL750L05CLP Datasheet HTML 27Page - Texas Instruments TL750L05CLP Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
(6.15)
(5.55)
(4.58)
2X (1)
2X (2.75)
(4.2)
(2.5)
(R0.05) TYP
TO-252 - 2.52 mm max height
KVU0003A
TO-252
4218915/A 02/2017
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:6X
PKG
SYMM
3
1
4
NOTES: (continued)
5. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature numbers
SLMA002(www.ti.com/lit/slm002) and SLMA004 (www.ti.com/lit/slma004).
6. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL
EXPOSED
METAL
SOLDER MASK DETAILS
NOT TO SCALE
NON SOLDER MASK
DEFINED
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com