Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAN0805K10R0FST1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PCAN0805K10R0FST1
Description  High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Chip Resistor (up to 6 W)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PCAN0805K10R0FST1 Datasheet(HTML) 2 Page - Vishay Siliconix

  PCAN0805K10R0FST1 Datasheet HTML 1Page - Vishay Siliconix PCAN0805K10R0FST1 Datasheet HTML 2Page - Vishay Siliconix PCAN0805K10R0FST1 Datasheet HTML 3Page - Vishay Siliconix PCAN0805K10R0FST1 Datasheet HTML 4Page - Vishay Siliconix PCAN0805K10R0FST1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PCAN
www.vishay.com
Vishay Dale Thin Film
Revision: 19-Apr-16
2
Document Number: 60125
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
LIMITS MIL-PRF-55342
CHARACTERISTIC “H”
TYPICAL VISHAY
PERFORMANCE
Resistance temperature characteristic
± 50 ppm/°C
± 25 ppm/°C
Maximum ambient temperature at rated wattage
+70 °C
+70 °C
Maximum ambient temperature at power derating
+150 °C
+150 °C
Thermal shock
± 0.25 %
± 0.10 %
Low temperature operation
± 0.25 %
± 0.10 %
Short time overload
± 0.1 %
± 0.10 %
High temperature exposure
± 0.2 %
± 0.10 %
Resistance to soldering heat
± 0.25 %
± 0.10 %
Moisture resistance
± 0.4 %
± 0.50 %
Life at +70 °C for 1000 h
± 0.5 %
± 1.00 %
DIMENSIONS in inches
CASE SIZE
LENGTH
L
WIDTH
W
THICKNESS
T
MIN./MAX.
TOP PAD
D
BOTTOM PAD
E
0603
0.064 ± 0.006
0.032 ± 0.005
0.015 ± 0.003
0.012 ± 0.005
0.021 ± 0.005
0805
0.080 ± 0.006
0.050 ± 0.005
0.015 ± 0.003
0.016 ± 0.005
0.025 ± 0.005
1206
0.126 ± 0.008
0.063 ± 0.005
0.015 ± 0.003
0.020 + 0.005 / - 0.010
0.040 ± 0.005
2512
0.259 + 0.009 / - 0.015
0.124 ± 0.005
0.015 ± 0.003
0.020 ± 0.005
0.050 ± 0.005
LAND PATTERN DIMENSIONS in inches
D
L
E
T
W
L
DT
0.0920
0.0340
0.0390
0.0140
0603 Land Pattern
0.1050
0.0520
0.0425
0.0200
0805 Land Pattern
0.1730
0.0710
0.0755
0.0220
1206 Land Pattern
0.2910
0.1260
0.0910
0.1090
2512 Land Pattern



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com