Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3733 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3733
Description  PLA Filament for 3D Printers - 2.85mm Diameter - Lilac - 1 Kg - MeltInk
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3733 Datasheet(HTML) 2 Page - Adafruit Industries

  3733 Datasheet HTML 1Page - Adafruit Industries 3733 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
It's always a good idea to check what diameter and filament type your printer
can handle before purchasing! Please note this is 2.85mm filament, not
compatible with 1.75mm-only machines!
PLA is bioplastic as it's made from renewable natural resources. Since it's
biodegradable in commercial compost facilities, you can feel good and green
about whatever you're printing. There's less warping when printing with PLA,
and it works best when extruded between 195°C and 225°C.
If you're looking for more information on the different types of 3D printing
material, here's a great tutorial on our Learn System
https://cdn-learn.adafruit.com/downloads/pdf/skill-badge-guide-3d-printing.pdf
TECHNICAL DETAILS
Dimensional Accuracy: ± 0.05mm
Recommended Use:
The suggested printing temperature ranges between 195 C° – 225° C
Does not need any special surface preparation and can be printed on an
unheated bed
PLA (Polylactic Acid) is a biodegradable plastic made out of renewable resources
such as corn, sugarcane, or tapioca. It is currently one of the most common
materials for personal or office 3D printing as it does not represent a risk of
toxicity. PLA filament is environmentally friendly and is suitable for printing 3D
objects that will be in contact with unheated foods or water.
MeltInk is a U.S., family-owned 3D printing filament manufacturing company
located in Miami, Fl.
                                             https://www.adafruit.com/product/3733 4‐3‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com