Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF01L Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # DF01L
Description  SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

DF01L Datasheet(HTML) 2 Page - Zowie Technology Corporation

  DF01L Datasheet HTML 1Page - Zowie Technology Corporation DF01L Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES DF005L THRU DF10L
Zowie Technology Corporation
05/2004
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.0
0.5
0.10
1.00
10.00
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
175
PULSE WIDTH=300uS
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
60 Hz Resistive or
Inductive load
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
0
10
20
30
40
60
50
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.10
1.0
10.0
100
20
40
60
80
120
140
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1.0
2
4
10
20
40
100
10
TJ=25
o
C
TJ=25
o
C
TJ=25
o
C
TJ=100
o
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com