Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP911 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CEP911
Description  ADSL Transformer< SMD Type: CEP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP911 Datasheet(HTML) 2 Page - Sumida Corporation

  CEP911 Datasheet HTML 1Page - Sumida Corporation CEP911 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP911
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part No.
Inductance
(nom. µH)
Turns ratio
THD (dB) (TYP.)
Insulation
Application
J10103L
750
0.95:1
Basic
ADSL CO
J10104L
85
0.95:1
Basic
ADSL CO
J10107L
1000
0.9:1
-82.8 (25k,2.0V)
Basic
ADSL CO
J10149
1200
2.3:1
-94.4 (40k,4V)
Supplementary
ADSL CO
J10163
1500
2:1
-78 (30k,5.3V)
Supplementary
ADSL CO
J10177
400
1:1.4
-93.4 (40k,2V)
Supplementary
ADSL CO
J10179
100
2:1
-85 (100k,2.55V)
Supplementary
ADSL CO
J10181
400
1.4:1
-93.4 (40k,2V)
Supplementary
ADSL CO
J10217
1200
3:1
-96 (40k,2V)
Basic
ADSL CPE
J10218
400
1.41:1
-93 (40k,2V)
Basic
ADSL CPE
J14103
800
2:1
-80.0 (50K,5V)
Basic
VDSL
J14106
470
1.33:1
-76.8(25K,2.0V)
Functional
VDSL
J14110
450
2:1
-73 (50k,5V)
Supplementary
VDSL
J14116
470
1.33:1
-76 (25k,2V)
Supplementary
VDSL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com