Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D01488 Datasheet(PDF) 1 Page - Pro-Signal

Part # D01488
Description  Hex Threaded Spacer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

D01488 Datasheet(HTML) 1 Page - Pro-Signal

  D01488 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
30/04/13
Hex Threaded Spacer
Specifications:
Thread Size - Metric
: M3
Spacer Material
: Nylon 6.6 (Polyamide 6.6)
Colour
: Natural
External Diameter
: 5.5mm
Overall Length
: 8mm
Thread Length
: 0.5mm
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Hex Threaded Spacer, Nylon 6.6, Natural
D01488


Similar Part No. - D01488

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D01488 DURATOOL-D01488 Datasheet
230Kb / 2P
Duratool Spacer
29/04/13 V1.0
More results

Similar Description - D01488

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
350-3932 CAMBION-350-3932 Datasheet
25Kb / 1P
Spacer/Stand-off, hexagonal, threaded
350-3934 CAMBION-350-3934 Datasheet
23Kb / 1P
Spacer/Stand-off, hexagonal, threaded
350-5158 CAMBION-350-5158 Datasheet
27Kb / 1P
Spacer/Stand-off, hexagonal, threaded
350-5184 CAMBION-350-5184 Datasheet
23Kb / 1P
Spacer/Stand-off, hexagonal, threaded
352-4614 CAMBION-352-4614 Datasheet
28Kb / 1P
Spacer/Stand-off, insulated, threaded
logo
List of Unclassifed Man...
1452B ETC2-1452B Datasheet
209Kb / 2P
THREADED HEX STANDOFF
HS-6-12 ETC2-HS-6-12 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
logo
Richco, Inc.
HS-4-8 RICHCO-HS-4-8 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
HS-4-3 RICHCO-HS-4-3 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
logo
Harwin Plc
R6390-02 HARWIN-R6390-02 Datasheet
143Kb / 1P
M3 THREADED HIXAGONAL SPACER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com