Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNT-100. Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # DNT-100.
Description  DCT easily cuts any Panduct® Duct and Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

DNT-100. Datasheet(HTML) 1 Page - PANDUIT CORP.

  DNT-100. Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
Panduct ® Installation Tools
• DCT easily cuts any Panduct® Duct and Cover
• DNT-100 notches sidewalls to bottom scoreline for tees
and corner junctions
DCT
DNT-100
Always use approved safety goggles when using any tools.
Part Number
Part Description
Std.
Pkg.
Qty.
Duct Cutting Tool
DCT
Hand-held duct cutting tool.
1
Duct Notching Tool (For use with all slotted duct types)
DNT-100
Hand-held sidewall notching tool.
1
Panduct ® Type HN, H, and HS Wiring Duct – Wirefill Capacity
Table shows maximum wire fill based on 50% of duct internal cross sectional area. Formula = Nominal Area/1.85 x D². All dimensions represent typical outer
cable diameter in inches.
Table shows maximum wire fill based on 50% of duct internal cross sectional area. Formula = Nominal Area / 1.75 x D². All dimensions represent typical
outer cable diameter in inches. The above communication cable diameters represent the nominal Panduit cable diameter per performance level.
For specific cable fill information based on specific part numbers, please contact Panduit customer service.
Panduct ® Shielded Wiring Duct – Wirefill Capacity
Nominal
Duct
Size
(W x H)
In.
Nominal
Area
In.²
Electrical
Communication
8
AWG
10
AWG
12
AWG
14
AWG
16
AWG
18
AWG
22
AWG
23 AWG
23/24
AWG
24
AWG
Fiber
Cable
0.216 0.164 0.130 0.141 0.152 0.111 0.124 0.133 0.096 0.111 0.118 0.084 0.100 0.106 0.085 0.300 0.240 0.240 0.225 0.118
THHN THHN THHN MTW MTW THHN MTW MTW TFFN MTW MTW TFFN MTW MTW MTW
Cat.
6A
Cat.
6A
(SD)
Cat.
6
Cat.
5e
3.0
mm
1.50 x 2.00
3.000
34
60
95
81
70
131
105
91
175
131
116
229
162
144
224
18
28
28
32
116
1.50 x 3.00
4.500
52
90
143
122
105
197
158
137
263
197
174
344
243
216
336
27
42
42
48
174
2.00 x 2.00
4.000
46
80
127
108
93
175
140
122
234
175
155
306
216
192
299
24
37
37
42
154
2.00 x 3.00
6.000
69
120
191
163
140
263
210
183
351
263
232
459
324
288
448
36
56
56
64
232
2.00 x 4.00
8.000
92
160
255
217
187
350
281
244
469
350
310
612
432
384
598
48
75
75
85
309
3.00 x 3.00
9.000
104
180
287
244
210
394
316
275
527
394
349
689
486
432
673
54
84
84
96
348
3.00 x 4.00
12.000
139
241
383
326
280
526
421
366
703
526
465
919
648
577
897
72
112
112
128
464
4.00 x 4.00
16.000
185
321
511
435
374
701
562
488
938
701
621
1225
864
769
1197
96
150
150
170
619
Nominal
Duct
Size
(W x H)
In.
Nominal
Area
In.²
Electrical
Communication
8
AWG
10
AWG
12
AWG
14
AWG
16
AWG
18
AWG
22
AWG
23 AWG
23/24
AWG
24
AWG
Fiber
Cable
0.216 0.164 0.130 0.141 0.152 0.111 0.124 0.133 0.096 0.111 0.118 0.084 0.100 0.106 0.085 0.300 0.240 0.240 0.225 0.118
THHN THHN THHN MTW MTW THHN MTW MTW TFFN MTW MTW TFFN MTW MTW MTW
Cat.
6A
Cat.
6A
(SD)
Cat.
6
Cat.
5e
3.0
mm
2.00 x 2.00
4.000
48
84
135
114
98
185
148
129
248
185
164
323
228
203
316
25
39
39
45
163
2.00 x 3.00
6.000
73
127
202
172
148
278
222
193
372
278
246
485
342
305
474
38
59
59
67
245
2.00 x 4.00
8.000
97
169
270
229
197
371
297
258
496
371
328
647
457
406
632
50
79
79
90
327


Similar Part No. - DNT-100.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DNT-100 PANDUIT-DNT-100 Datasheet
380Kb / 2P
Panduct® Type TNC – Low-Smoke, Halogen-Free, Slotted Wall Wiring Duct
1/2013
More results

Similar Description - DNT-100.

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HB-HRM-JJ HIROSE-HB-HRM-JJ Datasheet
36Kb / 1P
Cuts DC and Supplies Voltage
logo
Schneider Electric
RWT06S18 SCHNEIDER-RWT06S18 Datasheet
77Kb / 1P
WALL DUCT, STRAIGHT LENGTH 6FT W/ COVER
RWT06S60 SCHNEIDER-RWT06S60 Datasheet
54Kb / 1P
WALL DUCT, STRAIGHT LENGTH 5FT W/ COVER
RWT10S18 SCHNEIDER-RWT10S18 Datasheet
55Kb / 1P
WALL DUCT, STRAIGHT LENGTH W/COVER
RWT10S18S SCHNEIDER-RWT10S18S Datasheet
54Kb / 1P
WALL DUCT,STRAIGHT LGTH W/SURFACE COVER
RWT10S60 SCHNEIDER-RWT10S60 Datasheet
55Kb / 1P
WALL DUCT, STRAIGHT LENGTH 5FT W/ COVER
RWT18S18 SCHNEIDER-RWT18S18 Datasheet
55Kb / 1P
WALL DUCT, STRAIGHT LENGTH W/COVER
RWT18S18S SCHNEIDER-RWT18S18S Datasheet
55Kb / 1P
WALL DUCT,STRAIGHT LGTH W/SURFACE COVER
RWT18S60S SCHNEIDER-RWT18S60S Datasheet
55Kb / 1P
WALL DUCT 5FT STRAIGHT W/SURFACE COVER
logo
PANDUIT CORP.
SD2EMI PANDUIT-SD2EMI Datasheet
444Kb / 1P
Panduct® PanelMax™ Shielded Wiring Duct
2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com