Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QCS Datasheet(PDF) 1 Page - QANTEK Technology Corporation All Rights reserved

Part # QCS
Description  QCS Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QANTEK [QANTEK Technology Corporation All Rights reserved]
Direct Link  https://www.qantek.com/
Logo QANTEK - QANTEK Technology Corporation All Rights reserved

QCS Datasheet(HTML) 1 Page - QANTEK Technology Corporation All Rights reserved

  QCS Datasheet HTML 1Page - QANTEK Technology Corporation All Rights reserved QCS Datasheet HTML 2Page - QANTEK Technology Corporation All Rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
QCS Series
HC-49/U-S SMD 2-Pad
Features
• Suitable for RoHS reflow
• Available for tight stability & extended tempe-
rature range
Mechanical Dimensions
Applications
• Computers, Modems, Microprocessors
• Wireless Applications
Frequency Stability vs. Temperature
Operating Temperature
±10ppm
±20ppm
±30ppm
±50ppm
±100ppm
-20 to +70°C
™
™
™
™
™
-40 to +85°C
™
™
™
˜
™
-40 to +105°C
™
™
-40 to +125°C
™
˜
standard
™
available
General Specifications
Frequency Range
3.200 to 70.000MHz
Mode of Oscillation
Fundamental
3.200 to 32.768MHz
Third Overtone 24.576 to 70.000MHz
Frequency Tolerance at 25°C
±10 to ±30ppm (±30ppm standard)
Frequency Stability over Temperature Range
See Stability vs. Temperature Table
Storage Temperature
-55 to +125°C
Aging per Year
±3ppm max.
Load Capacitance CL
10 to 32pF and Series Resonance
Shunt Capacitance C0
7.0pF
Equivalent Series Resistance (ESR)
See ESR Table
Drive Level
100µW typ. / 500µW max.
Insulation Resistance (M
Ω)
500 at 100Vdc ±15Vdc
Equivalent Series Resistance (ESR)
Frequency Range - MHz
Ω max.
Mode of Operation
3.200 to 3.499
150
Fundamental / AT
3.500 to 3.999
120
4.000 to 5.999
100
6.000 to 6.999
70
7.000 to 8.999
60
9.000 to 9.999
50
10.000 to 12.999
40
13.000 to 19.999
30
20.000 to 30.999
20
30.000 to 66.999
80
Third Overtone
Part Numbering Guide
Qantek
Code
Package
Nominal
Frequency
(in MHz)
Vibration
Mode
Load
Capacitance
Operating
Temperature
Range
Frequency
Tolerance
Frequency
Stability
Package
Option
Packaging
Q = Qantek
CS = HC-49/U-S SMD
= 2-Pad
7 digits including
the decimal point
(f.ie. 12.0000)
F = AT-Fund
S = Series
08 = 8pF
12 = 12pF
18 = 18pF
20 = 20pF etc.
A = -20 to +70°C
B = -40 to +85°C
C = -40 to +105°C
D = -40 to +125°C
1 = ±10ppm
2 = ±20ppm
3 = ±30ppm
5 = ±50ppm
0 = ±100ppm
1 = ±10ppm
2 = ±20ppm
3 = ±30ppm
5 = ±50ppm
0 = ±100ppm
H3 = 3.2mm
M = 250pcs Tape&Reel
R = 1000pcs Tape&Reel
Example: QCS12.0000F18B35R
bold letters = recommended standard specification


Similar Part No. - QCS

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QCS-100-250-GSG-A QUALWAVE-QCS-100-250-GSG-A Datasheet
191Kb / 1P
Calibration Substrates
Rev 1.1
QCS-100-GSSG-A QUALWAVE-QCS-100-GSSG-A Datasheet
215Kb / 1P
Calibration Substrates
Rev 1.1
logo
Mini-Circuits
QCS-152 MINI-QCS-152 Datasheet
305Kb / 3P
2 Way-90째 Power Splitter
QCS-312 MINI-QCS-312 Datasheet
282Kb / 3P
2 Way-90째 Power Splitter
QCS-312+ MINI-QCS-312+ Datasheet
130Kb / 1P
2 Way-90째 Power Splitter
More results

Similar Description - QCS

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com