Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU941Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # BU941Z
Description  HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU941Z Datasheet(HTML) 2 Page - STMicroelectronics

  BU941Z Datasheet HTML 1Page - STMicroelectronics BU941Z Datasheet HTML 2Page - STMicroelectronics BU941Z Datasheet HTML 3Page - STMicroelectronics BU941Z Datasheet HTML 4Page - STMicroelectronics BU941Z Datasheet HTML 5Page - STMicroelectronics BU941Z Datasheet HTML 6Page - STMicroelectronics BU941Z Datasheet HTML 7Page - STMicroelectronics BU941Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
TO-3
TO-218
ISOW AT T218
Rthj-ca se
Thermal Resistance Junct ion-case Max
0.97
0.97
2.3
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICEO
Collector Cut -of f
Current (IB =0)
VCE =300 V
VCE =300 V
Tj =125
oC
100
0.5
µA
mA
IEBO
Emitt er Cut -of f Current
(IC =0)
VEB =5 V
20
mA
VCL
∗
Clamping Voltage
IC = 100 mA
350
500
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC =8 A
IB =100 mA
IC =10 A
IB =250 mA
IC =12 A
IB =300 mA
1.8
1.8
2
V
V
V
VBE(s at)
∗ Base-Emitter
Saturation Voltage
IC =8 A
IB =100 mA
IC =10 A
IB =250 mA
IC =12 A
IB =300 mA
2.2
2.5
2.7
V
V
V
hFE
∗
DC Current Gain
IC =5 A
VCE = 10 V
300
VF
Diode F orward Voltage
IF =10 A
2.5
V
Funct ional T est
(see fig. 1)
VCC =24 V
L= 7 mH
10
A
ts
tf
INDUCTIVE LO AD
St orage Time
Fall Time
(see fig. 3)
VCC =12 V
L= 7 mH
VBE =0
RBE =47
Ω
Vcla mp =300 V
IC =7 A
IB =70 mA
15
0.5
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
DC Current Gain
BU941Z/BU941ZP/BU941ZPFI
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com