Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R3131 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R3131
Description  GaAsP /GaP Yellow Low power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R3131 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-R3131 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R3131 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R3
31
13
31
1
Ver.2.0 Page: 2 of 2
SINCE 1981
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
2.0
2.6
V
Luminous Intensity
Iv
IF=20mA
-
6.0
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
-
585
-
nm
Dominant Wave Length
λ
d
IF=20mA
582
-
595
nm
Spectral Line Half-width
∆λ
IF=20mA
-
35
-
nm
Viewing Angle
2θ1/2
IF=20mA
-
120
-
deg
● Typical electro-optical characteristics curves
Fig.3 Forward current vs. Forward voltage
Fig.4 Relative luminous intensity
vs. Ambient temperature
3.0
0
1.0
2.0
Forward current (mA)
20
10
30
40
50
Fig.5 Relative luminous intensity
4.0
0
20
10
30
40
50
vs. Forward current
Forward voltage(V)
2
13
5
4
0.1
0.9
0.8
0.7
1.0
0.5
0.3
0.2
0.4
0.6
90
70
80
50
60
40
010
20
30
Ambient temperature Ta( )
℃
0.5
Fig.6 Radiation diagram
-40
0
-20
0
20
2.0
1.0
1.5
2.5
3.0
40
60
Fig.1 Relative intensity vs. Wavelength
535
0
0.5
1.0
Wavelength λ(nm)
585
635
Fig.2 Forward current derating curve
vs. Ambient temperature
Ambient temperature Ta( )
℃
0
20
10
10
30
20
40
60
40
50
60
100
80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com