Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R3131E-T Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R3131E-T
Description  GaAsP /GaP Yellow Low power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R3131E-T Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R3131E-T Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R3131E-T Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R3
31
13
31
1E
E--T
T
Ver.2.0 Page: 1 of 2
SINCE 1981
3.8(.150)
2.54(.100)
1.0(.039) MIN.
NOM.
1.5(.059)
MAX.
25.4(1.00) MIN.
0.5(.020)
SQ.TYP.
3.8(.149)
5.2(.205)
1.8(.070)
1.8(.071)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
●Package dimensions:
1. Chip material: GaAsP /GaP
2. Emitted color : Yellow
3. Lens Appearance : Yellow Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. Compatible.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-R3131E-T

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R3131 YSTONE-BL-R3131 Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-R3131 BRIGHT-BL-R3131 Datasheet
128Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3131F BRIGHT-BL-R3131F Datasheet
288Kb / 5P
LED LAMPS
logo
Yellow Stone Corp
BL-R3131K YSTONE-BL-R3131K Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
More results

Similar Description - BL-R3131E-T

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-R3121F BRIGHT-BL-R3121F Datasheet
147Kb / 2P
GaAsP/GaP Yellow Low power consumption.
BL-R3131 BRIGHT-BL-R3131 Datasheet
128Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3132 BRIGHT-BL-R3132 Datasheet
129Kb / 2P
GaAsP/GaP Yellow Low power consumption.
BL-R3132B BRIGHT-BL-R3132B Datasheet
140Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3132J BRIGHT-BL-R3132J Datasheet
129Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3133A BRIGHT-BL-R3133A Datasheet
152Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3135B BRIGHT-BL-R3135B Datasheet
132Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-R3138C BRIGHT-BL-R3138C Datasheet
152Kb / 2P
GaAsP/GaP Yellow Low power consumption.
BL-R3139A BRIGHT-BL-R3139A Datasheet
152Kb / 2P
GaAsP /GaP Yellow Low power consumption.
BL-S3136 BRIGHT-BL-S3136 Datasheet
132Kb / 2P
GaAsP/GaP Yellow Low power consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com